Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD1206 Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

No. de pieza SMD1206
Descripción Electrónicos  Resettable Fuse PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Página de inicio  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMD1206 Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  SMD1206 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMD1206 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD1206 Series
Electrical characteristics(25℃)
Part Number
Ih
(A)
It(A)
Vmax(
V)
Imax
(A)
Pd(W)
Trip
Current(A)
Trip
Time(S)
Rmin
(Ω)
R1max
(Ω)
JK-nSMD005
0.05 0.15
60.0
100
0.4
0.3
1.50
3.600 50.000
JK-nSMD010
0.10 0.25
60.0
100
0.4
0.5
1.00
1.600 15.000
JK-nSMD020
0.20 0.46
16.0
100
0.6
8.0
0.08
0.350 15.000
JK-nSMD025
0.25 0.50
16.0
100
0.6
8.0
0.08
0.350
2.500
JK-nSMD035
0.35 0.75
6.0
100
0.6
8.0
0.10
0.250
1.300
JK-nSMD050
0.50 1.00
6.0
100
0.6
8.0
0.10
0.150
0.700
JK-nSMD050-13.2V
0.50 1.00
6.0
100
0.6
8.0
0.10
0.150
0.700
JK-nSMD075
0.75 1.50
6.0
100
0.6
8.0
0.20
0.090
0.500
JK-nSMD100
1.00 1.80
6.0
100
0.6
8.0
0.30
0.055
0.270
JK-nSMD150
1.50 3.00
6.0
100
0.8
8.0
1.00
0.040
0.130
JK-nSMD200
2.00 3.50
6.0
100
0.8
8.0
1.50
0.018
0.08
·
IH = Hold current: maximum current device will pass without tripping in 25℃ still air.
·
IT = Trip current: minimum current at which the device will trip in 25℃ still air.
·
VMAXi = Maximum interrupt voltage device can withstand without damage at rated current.
·
IMAX = Maximum fault current device can withstand without damage at rated
voltage.
·
RMAX = Maximum resistance of device in initial (un-soldered) state.
·
RMIN = Minimum resistance of device in initial (un-soldered) state.
Operating temperature: -40℃ ~+85℃
Packing quantity: 005,010,100,150,200, 3500PCS/Reel
Packing quantity: 020,025,035,050,075, 5000PCS/Reel
Specifications are subject to change without notice
sales@huaandz.com
2
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585


Número de pieza similar - SMD1206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SMD1206 LITTELFUSE-SMD1206 Datasheet
86Kb / 2P
   SMD Type, 6 V - 30 V
logo
Diodes Incorporated
SMD1206 DIODES-SMD1206 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
logo
HuaXinAn Electronics CO...
SMD1206 HUAXINAN-SMD1206 Datasheet
406Kb / 7P
   Resettable Fuse PTC SMD1206 Series
SMD1206 HUAXINAN-SMD1206 Datasheet
433Kb / 8P
   Low Resistance Resettable Fuse PTC SMD1206 Series
SMD1206 HUAXINAN-SMD1206 Datasheet
405Kb / 7P
   Resettable Fuse PTC SMD1206 Series
More results

Descripción similar - SMD1206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
JK600110U HUAXINAN-JK600110U Datasheet
185Kb / 2P
   Resettable Fuse PTC
JK16300 HUAXINAN-JK16300 Datasheet
277Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com