Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS81302Q09E-300I Datasheet(PDF) 1 Page - GSI Technology

No. de pieza GS81302Q09E-300I
Descripción Electrónicos  144Mb SigmaQuadTM-II Burst of 2 SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q09E-300I Datasheet(HTML) 1 Page - GSI Technology

  GS81302Q09E-300I Datasheet HTML 1Page - GSI Technology GS81302Q09E-300I Datasheet HTML 2Page - GSI Technology GS81302Q09E-300I Datasheet HTML 3Page - GSI Technology GS81302Q09E-300I Datasheet HTML 4Page - GSI Technology GS81302Q09E-300I Datasheet HTML 5Page - GSI Technology GS81302Q09E-300I Datasheet HTML 6Page - GSI Technology GS81302Q09E-300I Datasheet HTML 7Page - GSI Technology GS81302Q09E-300I Datasheet HTML 8Page - GSI Technology GS81302Q09E-300I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
GS81302Q08/09/18/36E-300/250
144Mb SigmaQuadTM-II
Burst of 2 SRAM
300 MHz–250 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.04c 1/2012
1/33
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• Burst of 2 Read and Write
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• IEEE 1149.1 JTAG-compliant Boundary Scan
• Pin-compatible with present 144 Mb devices
• 165-bump, 15 mm x 17 mm, 1 mm bump pitch BGA package
• RoHS-compliant 165-bump BGA package available
SigmaQuad™ Family Overview
The GS81302Q08/09/18/36E are built in compliance with the
SigmaQuad-II SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 150,994,944-bit (144Mb)
SRAMs. The GS81302Q08/09/18/36E SigmaQuad SRAMs
are just one element in a family of low power, low voltage
HSTL I/O SRAMs designed to operate at the speeds needed to
implement economical high performance networking systems.
Clocking and Addressing Schemes
The GS81302Q08/09/18/36E SigmaQuad-II SRAMs are
synchronous devices. They employ two input register clock
inputs, K and K. K and K are independent single-ended clock
inputs, not differential inputs to a single differential clock input
buffer. The device also allows the user to manipulate the
output register clock inputs quasi independently with the C and
C clock inputs. C and C are also independent single-ended
clock inputs, not differential inputs. If the C clocks are tied
high, the K clocks are routed internally to fire the output
registers instead.
Each internal read and write operation in a SigmaQuad-II B2
RAM is two times wider than the device I/O bus. An input data
bus de-multiplexer is used to accumulate incoming data before
it is simultaneously written to the memory array. An output
data multiplexer is used to capture the data produced from a
single memory array read and then route it to the appropriate
output drivers as needed. Therefore the address field of a
SigmaQuad-II B2 RAM is always one address pin less than the
advertised index depth (e.g., the 16M x 8 has an 8M
addressable index).
Parameter Synopsis
-300
-250
tKHKH
3.3 ns
4.0 ns
tKHQV
0.45 ns
0.45 ns


Número de pieza similar - GS81302Q09E-300I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81302Q07 GSI-GS81302Q07 Datasheet
375Kb / 28P
   144Mb SigmaQuad-IITM
GS81302Q07E-200I GSI-GS81302Q07E-200I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q07E-250 GSI-GS81302Q07E-250 Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS81302Q07E-300 GSI-GS81302Q07E-300 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q07E-300I GSI-GS81302Q07E-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
More results

Descripción similar - GS81302Q09E-300I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81302Q08E-250I GSI-GS81302Q08E-250I Datasheet
640Kb / 33P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q18AGD-333 GSI-GS81302Q18AGD-333 Datasheet
608Kb / 29P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q18AGD-375I GSI-GS81302Q18AGD-375I Datasheet
608Kb / 29P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302D18AGD-400I GSI-GS81302D18AGD-400I Datasheet
507Kb / 28P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D08GE-300 GSI-GS81302D08GE-300 Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D18E-333I GSI-GS81302D18E-333I Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302D09E-350 GSI-GS81302D09E-350 Datasheet
581Kb / 34P
   144Mb SigmaQuadTM-II Burst of 4 SRAM
GS81302TT07 GSI-GS81302TT07 Datasheet
436Kb / 30P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T06 GSI-GS81302T06 Datasheet
390Kb / 29P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T07 GSI-GS81302T07 Datasheet
441Kb / 31P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com