Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STDA16A-S02 Datasheet(PDF) 1 Page - Vitec Power |
|
STDA16A-S02 Datasheet(HTML) 1 Page - Vitec Power |
1 / 2 page STDA16A SERIES 15W Desktop Power Supply for I.T. Equipment – Wide Input Voltage 90 to 264 VAC, 47 to 63Hz – IEC-320-C14 input inlet – Output Voltage Available From 3VDC Thru 48VDC – Approved as Limited Power Source (LPS), Splash Proof – Class I Insulation – Input Surge Current, Over Voltage, and Short Circuit Protection. – Energy Star 2.0, CEC Level V, and RoHS compliance 2 Year Warranty Approvals: Single Output Part Number Output Voltage Max. Output Current Total Regulation Maximum Output Power * STDA16A-S01 3 ~ 5 VDC 2.50 A max 7% 12W STDA16A-S02 5 ~ 6 VDC 2.50 ~ 2.00 A 5% 12W STDA16A-S03 6 ~ 8 VDC 2.00 ~ 1.50 A 5% 12W STDA16A-S04 8 ~ 11 VDC 1.87 ~ 1.36 A 5% 15W STDA16A-S05 11 ~ 13 VDC 1.36 ~ 1.15 A 5% 15W STDA16A-S06 13 ~ 16 VDC 1.15 ~ 0.94 A 5% 15W STDA16A-S07 16 ~ 21 VDC 0.94 ~ 0.72 A 5% 15W STDA16A-S08 21 ~ 27 VDC 0.72 ~ 0.55 A 5% 15W STDA16A-S09 27 ~ 33 VDC 0.55 ~ 0.45 A 5% 15W STDA16A-S10 33 ~ 40 VDC 0.45 ~ 0.37 A 3% 15W STDA16A-S11 40 ~ 48 VDC 0.37 ~ 0.31 A 3% 15W * Note: STDA16A-S01 is not approved by TUV-PSE and CEC Level V Electrical Characteristics Parameter Test Conditions Min. Typ. Max. Unit Input Voltage Operating Voltage 90 264 VAC Input Frequency 47 63 Hz Output Power Range Vin=90 to 264VAC 0 15 W Input Current (Low Line) Io=Full load, Vin=115VAC 0.4 A Input Current (High Line) Io=Full load, Vin=230VAC 0.26 A Low Line Inrush Current Io=Full load, 25°C, Cool start, Vin=115VAC 12 15 A High Line Inrush Current Io=Full load, 25°C, Cool start, Vin=230VAC 26 30 A Efficiency Io=Full Load, Vin=230VAC 72 85 % No-Load Power Consumption No Load, VIn=240VAC 0 0.4 0.5 W Line Regulation Io=Full Load 0.5 1 % Load Regulation Vin=230VAC 3 10 % Over Voltage Protection Nil % Over Current Protection Nil But, Output protected to short circuit conditions % Transient Response Io=Full Load to Half Load, Vin=100VAC 4 mS Hold-Up Time Io=Full Load, Vin=110VAC 5 mS Start Up Time Io=Full Load, Vin=100VAC 0.3 1 2 S * Ripple & Noise (Peak to Peak) Full Load, Vin=90VAC 0.5 1 % Safety Ground Leakage Current Io=Full Load, Vin=240VAC 0.5 0.75 mA Temperature Coefficient All output -0.04 0.04 %/°C *Note: The Ripple & Noise which is under 3.3VCD at 2% max |
Número de pieza similar - STDA16A-S02 |
|
Descripción similar - STDA16A-S02 |