Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847C Datasheet(PDF) 1 Page - First Components International

No. de pieza BC847C
Descripción Electrónicos  NPN Silicon Planar Epitaxial Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

BC847C Datasheet(HTML) 1 Page - First Components International

  BC847C Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. 3
2. 4
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
BC846
BC847
BC848
VCBO
Ic= 10
µA, IE=0
80
50
30
V
Collector-emitter breakdown voltage
BC846
BC847
BC848
VCEO
Ic= 10mA, IB=0
65
45
30
V
Emitter-base breakdown voltage
VEBO
IE= 10µA, IC=0
6
V
Collector cut-off current
BC846
BC847
BC848
ICBO
VCB= 70V, IE=0
VCB= 50V, IE=0
VCB= 30V, IE=0
0.1
µA
Collector cut-off current
BC846
BC847
BC848
ICEO
VCE= 60V, IB=0
VCE= 45V, IB=0
VCE= 30V, IB=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
µA
DC current gain
BC846A,847A,848A
BC846B,847B,848B
BC847C/BC848C
HFE(1)
VCE= 5V, IC= 2mA
110
200
420
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 5 mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= 100mA, IB= 5mA
1.1
V
Transition frequency
fT
VCE= 5 V, IC= 10mA
f=100MHz
100
MHz
DEVICE MARKING
BC846A=1A; BC846B=1B; BC847A=1E;BC847B=1F;BC847C=1G; BC848A=1J; BC848B=1K ; BC848C=1L
Unit: mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
FEATURES
Power dissipation
PCM:
0.225W (Tamb=25
℃) Note1
Collector current
I CM:
0.1A
BC846A, B
BC847A, B, C
BC848A, B, C
Collector-base voltage
VCBO:
BC846
80
V
BC847
50
V
BC848
30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
Note1: Transistor mounted on an FR4 Printed-circuit board.
NPN Silicon Planar Epitaxial Transistors


Número de pieza similar - BC847C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Olitech Electronics Co....
BC847C OLITECH-BC847C Datasheet
619Kb / 3P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC847C PHILIPS-BC847C Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC847C RECTRON-BC847C Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
Weitron Technology
BC847C WEITRON-BC847C Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
BC847C SECOS-BC847C Datasheet
307Kb / 3P
   BC846A
More results

Descripción similar - BC847C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com