Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317S Datasheet(PDF) 1 Page - First Components International

No. de pieza LM317S
Descripción Electrónicos  3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

LM317S Datasheet(HTML) 1 Page - First Components International

  LM317S Datasheet HTML 1Page - First Components International LM317S Datasheet HTML 2Page - First Components International LM317S Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
The LM317S is an adjustable 3-termial positive voltage regulator, designed to supply more than 1.5A of output
current with voltage adjustable from 1.3 to 37V.
Features
&Output current up to 1.5A.
&
Output voltage adjustable from 1.3V to 37V.
&Internal short circuit protection.
&Internal over temperature protection.
&Safe-Area compensation for output transistor.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c2
1.25
1.45
b
0.76
1.00
b2
1.17
1.47
L4
0.00
0.30 B D
8.6
9.0
c
0.36
0.5
e
2.54 REF.
L3
1.50 REF.
L
14.6
15.8
L1
2.29
2.79
E
9.80
10.4
L2
1.27 REF.
Block Diagram
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Input-Output Voltage Difference
Vi-Vo
40
V
Load Temperature
Tlead
230
:
Power Dissipation
PD
Internal limited
Operating Temperature Range
Topr
0 ~ +125
:
Storage Temperature Range
Tstg
-65 ~ +150
:
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR


Número de pieza similar - LM317S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM317S NSC-LM317S Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM317S NSC-LM317S Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317S TGS-LM317S Datasheet
109Kb / 1P
   3-Terminal Positive Adjustable Regulator
logo
Unisonic Technologies
LM317S UTC-LM317S Datasheet
257Kb / 4P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM317S-TR STMICROELECTRONICS-LM317S-TR Datasheet
1Mb / 34P
    1.2 V to 37 V adjustable voltage regulators
Rev 22 - December 2021
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com