Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDFN33-12 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

No. de pieza TDFN33-12
Descripción Electrónicos  Over-Voltage Protection Switch with OCP and BOVP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TDFN33-12 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button TDFN33-12 Datasheet HTML 6Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 7Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 8Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 9Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 10Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 11Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 12Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 13Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AAT4685
Over-Voltage Protection Switch with OCP and BOVP
DATA SHEET
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201960A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 16, 2012
Under-Voltage Lockout (UVLO)
The AAT4685 has a fixed 2.7V under-voltage lockout
level (UVLO) trip level for IN rising. When the input volt-
age is less than 2.7V - VUVLO_HYS, the OVP switch is turned
off. 100mV of hysteresis is included to ensure circuit
stability.
Over-Voltage Protection (OVP)
The AAT4685 adjustable version has a 1.0V ± 3% over-
voltage trip threshold on the OVP pin. With a resistor
divider on OVP pin from IN to GND, the over-voltage
protection point of IN can be adjusted between 4V and
7V. If the over-voltage trip level is triggered, the OVP
switch will start to be turned off in 1μs. The FLT pin is
driven low. When the input voltage pin returns below
VOVPT – VOVP_HYS (but is still above VUVLO), the OVP switch
is turned on again after a TOVP_REC recovery time to ensure
that the input supply has stabilized.
Fixed OVP products are also available where the resistive
divider is internally integrated. Pin 12 is designed to be
not connected.
Over-Current Protection (OCP)
The AAT4685 integrates adjustable over-current protec-
tion. Once the load current exceeds the pre-set limit of
IOCP current (ILOAD>IOCP), the load current is limited after
the OCP blanking time (typical 180μs). During the OCP
blanking time, the OVP switch stays ON. Once the load
current drops below IOCP, current restriction will be
removed. If the over-current state continues after the
blanking period, the OVP switch turns off and FLT is
pulled down. In order to prevent the input voltage from
spiking up due to the inductance of the input cable, the
OVP switch is turned off slowly, resulting in a "soft-stop."
The OVP switch will turn back on again after TOCP_REC
(typical 64ms) and the current is monitored all over
again. Each time an OCP fault occurs, an internal counter
is incremented. If 15 OCP faults occur in one charge
cycle, the OVP switch is turned off permanently. The
counter is cleared either by removing and re-applying
input power, or by disabling and re-enabling the device
via the EN pin.
The OCP threshold is set by an external resistor (ROCP)
connected between OCP and ground. IOCP is approxi-
mated by the following formula:
I
OCP =
(current in A, resistance in kΩ)
30
R
OCP
Battery Over-Voltage Protection (BOVP)
The AAT4685 monitors the positive battery terminal and
turns the OVP switch off when the battery voltage
exceeds the BOVP threshold (typical 4.35V). The monitor
has blanking time TBOVP_BL (typical 180μs) to prevent any
transient voltage from false triggering the BOVP. A resis-
tor is required between the BOVP pin and the battery, to
limit the current in case of a short circuit condition. If the
battery voltage exceeds the BOVP trip threshold VBOVPT,
the OVP switch is turned off, and the FLT pin is driven
low. In order to prevent the input voltage from spiking
up due to the inductance of the input cable, the OVP
switch is turned off slowly , resulting in a "soft-stop." The
OVP switch is turned back on once the battery voltage
drops to VBOVPT – VBOVP_HYS. Each time a battery over-
voltage fault occurs, an internal counter is incremented.
If 15 such faults occur in one charge cycle, the OVP
switch is turned off permanently. The counter is cleared
either by removing and re-applying input power, or by
disabling and re-enabling the device via the EN pin.
Over-Temperature Protection
(OT Protection)
If the junction temperature of the device exceeds TSHDN,
the OVP switch is turned off, and the FLT pin is driven
low. The OVP switch is turned back on when the junction
temperature falls below TSHDN - 15°C.
Fault Indicator (FLT)
The FLT output is an active-low open-drain fault (OV/OC/
BOVP/OT) reporting output. A pull-up resistor should be
connected from FLT to the logic I/O voltage of the host
system. When EN is low, FLT is asserted by pulling down
in the case of an over-voltage, over-current, or battery
over-voltage or over-temperature fault occuring; FLT is
de-asserted into high impedance state with the fault
removed. When EN is high, FLT is in high impedance
status.


Número de pieza similar - TDFN33-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
TDFN33-12 SKYWORKS-TDFN33-12 Datasheet
1Mb / 17P
   thermal shutdown protection
More results

Descripción similar - TDFN33-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
logo
Advanced Analogic Techn...
AAT4684 ANALOGICTECH-AAT4684 Datasheet
291Kb / 13P
   Over-Voltage Protection Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
   Over-Voltage Protection Load Switch with Surge Protection
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
   Over-Voltage Protection Load Switch with Surge Protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com