Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54J Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza BAT54J
Descripción Electrónicos  Schottky Diode in a SOD-323 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BAT54J Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BAT54J Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54J Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54J Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54J Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54J Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54J Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BAT54J
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260
±5℃
Time:10
±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOD-323
3,000
10
30,000
8
240,000
7〞×8
180×120×180
385×257×392
使用说明 / Notices


Número de pieza similar - BAT54J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
NXP Semiconductors
BAT54J NXP-BAT54J Datasheet
50Kb / 8P
   Schottky barrier single diode
Rev. 01 - 8 March 2007
logo
Shenzhen Luguang Electr...
BAT54J LUGUANG-BAT54J Datasheet
387Kb / 3P
   Schottky Barrier Diode
logo
Shunye Enterprise
BAT54J SHUNYE-BAT54J Datasheet
370Kb / 4P
   Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
BAT54J BILIN-BAT54J Datasheet
237Kb / 4P
   Schottky Barrier Diode
More results

Descripción similar - BAT54J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
SD103AWS FOSHAN-SD103AWS Datasheet
659Kb / 6P
   Schottky Diode in a SOD-323 Plastic Package
B5817WS FOSHAN-B5817WS Datasheet
1Mb / 6P
   Schottky Diode in a SOD-323 Plastic Package
BZT52C15S FOSHAN-BZT52C15S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B3V6S FOSHAN-BZT52B3V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B5V6S FOSHAN-BZT52B5V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B6V2S FOSHAN-BZT52B6V2S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B33S FOSHAN-BZT52B33S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BAV19WS FOSHAN-BAV19WS Datasheet
1Mb / 6P
   Silicon Diode in a SOD-323 Plastic Package
BZT52C12S FOSHAN-BZT52C12S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C16S FOSHAN-BZT52C16S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com