|
| NTE1534 |
|
||
|
NTE |
|
2 page
Electrical Characteristics (Cont’d): (TA = –20° to +70°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit OSC 1, OSC 2 Oscillator Frequency fOSC – 11.52 – MHz PD Output Current Level, “H” IOH VDD = 5V, VO = 3V –0.8 – – mA Output Current Level, “L” IOL VDD = 5V, VO = 2V 0.8 – – mA Output Current (Open) IO VDD = 5V, VO = VSS to VDD – – ±10 µA CPO, QO Output Voltage Level, “H” VOH VDD = 5V, IOH = –100µA 4.0 – – V Output Voltage Level, “L” VOL VDD = 5V, IOL = 100µA – – 0.4 V Capacitance Input Capacitance CI VI = 2V – 5 – pF Output Capacitance CO VO = 2V – 7 – pF Pin Connection Diagram VSS VDD C2 Input OSC 2 Input CPO Output C0 Input QO Output PI Input OSC 1 Input P1 PD Output C1 Input P0 P2 P3 1 2 3 4 5 6 7 8 16 15 14 13 LD 12 11 10 9 .260 (6.6) Max 16 9 18 .785 (19.9) Max .200 (5.08) Max .245 (6.22) Min .300 (7.62) .700 (17.7) .100 (2.54) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1475 | Integrated Circuit CMOS Phase-Locked Loop PLL Frequency Synthesizer for CB | 1 2 3 | NTE Electronics |
| NTE1254 | Integrated Circuit Phase-Lock Loop PLL Frequency Synthesizer for CB | 1 2 | NTE Electronics |
| NTE1248 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod | 1 2 3 | NTE Electronics |
| NTE1206 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 | NTE Electronics |
| NTE7116 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System | 1 2 3 4 5 | NTE Electronics |
| NTE1779 | Integrated Circuit TV VIF Amp Phase Lock Loop PLL | 1 2 | NTE Electronics |
| NTE7050 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 4 5 | NTE Electronics |
| NTE1167 | Integrated Circuit Phase Lock Loop PLL Frequency Synthesizer | 1 2 | NTE Electronics |
| NTE743 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 | NTE Electronics |
| NTE1560 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |