Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103AW Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza SD103AW
Descripción Electrónicos  Schottky Diode in a SOD-123 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SD103AW Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SD103AW Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103AW Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103AW Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103AW Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103AW Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103AW Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SD103AW/BW/CW
Rev.E Jun.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
SD103AW
SD103BW
SD103CW
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VR
VRRM
VRWM
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Non-Repetitive Peak Forward
Current
IFM
350
mA
Non-Repetitive Peak Forward Surge
Current
IFSM
1.5
A
Power Dissipation
PD
400
mW
Typical Thermal Resistance
Junction to Ambient
RθJA
300
/W
Junction and Storage Temperature
Range
Tj,TSTG
-65~125
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Forward Breakdown Voltage
V(BR)R
IR=100μA
VR
V
Peak Forward Voltage
VFM
IF=20mA
0.37
IF=200mA
0.6
Peak Reverse
Current
SD103AW
IRM
VR=30V
5
μA
SD103BW
VR=20V
SD103CW
VR=10V
Total Capacitance
CT
VR=0V
f=1.0MHZ
28
pF
Resistance Range Time
trr
IF=IR=200mA
Irr=0.1×IR
RL=100Ω
10
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Número de pieza similar - SD103AW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SD103AW MCC-SD103AW Datasheet
206Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
GUANGDONG HOTTECH INDUS...
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
   Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
SD103AW BILIN-SD103AW Datasheet
148Kb / 3P
   Schottky Barrier Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AW YFWDIODE-SD103AW Datasheet
469Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Descripción similar - SD103AW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
SD103BW FOSHAN-SD103BW Datasheet
642Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
SS1040 FOSHAN-SS1040 Datasheet
515Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
BAT42W FOSHAN-BAT42W Datasheet
472Kb / 5P
   Schottky Diode in a SOD-123 Plastic Package
SD103CW FOSHAN-SD103CW Datasheet
642Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
B5817W FOSHAN-B5817W Datasheet
1Mb / 6P
   Schottky Diode in a SOD-123 Plastic Package
2CZ400X FOSHAN-2CZ400X Datasheet
550Kb / 6P
   Silicon Diode in a SOD-123 Plastic Package
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com