Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC846G Datasheet(PDF) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza BC846G
Descripción Electrónicos  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BC846G Datasheet(HTML) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BC846G Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BC846G Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BC846G Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BC846G Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BC846G Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BC846G Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC846G
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
5 / 6
印章说明 / Marking Instructions
说明:
1A:
为型号代码
G:
为无卤产品代码
Note:
1A:
Product Type Code
G:
HF Product Code
1AG


Número de pieza similar - BC846G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
BC846G-A-AE3-R UTC-BC846G-A-AE3-R Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC846G-A-AL3-R UTC-BC846G-A-AL3-R Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC846G-A-AN3-R UTC-BC846G-A-AN3-R Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC846G-B-BE3-R UTC-BC846G-B-BE3-R Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC846G-B-BL3-R UTC-BC846G-B-BL3-R Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
More results

Descripción similar - BC846G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com