|
| NTE1589 |
|
||
|
NTE |
|
2 page
Electrical Characteristics (Cont’d): Parameter Symbol Test Conditions Min Typ Max Unit Color Recovery Output EO(DC) Non–signal input, VCO free–run –0.3 0 +0.3 V Operational DC Voltage O(DC) (B–Y) – (R–Y) (R–Y) – (G–Y) (G–Y) – (B–Y) Video Amplifier Benefit GV At terminal 22, V = 0,3Vp–p, f = 100kHz examined Pin19 10.5 12.0 13.5 times Video Amplifier Frequency Response fe Measured with –3dB, 0dB when f = 100kHz – 6.5 – MHz Direct Current Reproduction Rate – 75 – % Blanking Output Voltage 11 – – V Pin Connection Diagram VCC 1st BPA VCO Color/Contrast Control AGC B–Y Output Blanking Pulse Tone Control Video Tone Control Tone Control Video Input VCO Killer Filter Color Control Output GND ABL R–Y Output Tint Control Gate Pulse Contrast Control VCO Output 1 2 3 4 Video Input 5 Color Control 6 7 28 27 26 25 24 23 22 8 9 21 Pedestal Clamp 20 Video Output 10 11 12 19 18 17 Color Demod APC Filter 13 14 16 15 G–Y Output 1.469 (37.32) Max 1.300 (33.02) .540 (13.7) .600 (15.24) .250 (6.35) .122 (3.1) Min .100 (2.54) 15 28 14 1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1547 | Integrated Circuit Video Chroma Deflection System for Color TV | 1 2 3 4 5 More | NTE Electronics |
| NTE7150 | Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions | 1 2 3 4 5 More | NTE Electronics |
| NTE1200 | Integrated Circuit Color TV Chroma Processor | 1 2 | NTE Electronics |
| NTE1650 | Integrated Circuit Color TV Luminance-Chroma System w/Auto Flesh | 1 2 | NTE Electronics |
| NTE1846 | Integrated Circuit NTSC System Single-Chip Color TV Signal Processor | 1 2 | NTE Electronics |
| NTE844 | Integrated Circuit Single Chip TV Chroma/Luminance Processor | 1 2 3 | NTE Electronics |
| NTE1838 | Integrated Circuit Color TV Video/Chroma/Deflection Circuit | 1 2 3 | NTE Electronics |
| NTE1810 | Integrated Circuit Color TV Video System | 1 2 3 | NTE Electronics |
| NTE700 | Integrated Circuit TV Chroma System | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |