Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTB08 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza BTB08
Descripción Electrónicos  Triac in a TO-220 Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTB08 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTB08 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB08 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB08 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB08 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB08 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB08 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB08 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB08 Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BTB08
Rev.D Nov.-2015
DATA SHEET
http://www.fsbrec.com
2 / 8
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Repetitive peak off-state voltages
VDRM/VRRM
600/700
V
On-state rms current(full sine wave
TC=105℃)
IT(RMS)
8
A
Non repetitive surge peak on-state
current(full cycle, Tj initial=25°C)
ITSM(F=50Hz
t=20ms)
80
A
Non repetitive surge peak on-state
current(full cycle, Tj initial=25°C)
ITSM(F=60Hz
t=16.7ms)
84
A
I2t value for fusing
I2t(tp=10ms)
36
A2s
Critical rate of rise of on-state current
IG =2xIGT, tr≤100 ns(F=120Hz Tj=125℃)
dI/dt
50
A/μs
Peak gate current(tp =20μs Tj=125℃)
IGM
4.0
A
Average gate power dissipation(Tj=125℃)
PG(AV)
1.0
W
Operating junction temperature range
Tj
-40~125
Storage junction temperature range
Tstg
-40~150
Junction to ambient
Rth(j-a)
60
/W
Junction to case for AC
Rth(j-c)
1.6
符号
Symbol
测试条件
Test Conditions
信号区
Quadrant
BTB08
单位
Unit
TW
SW
CW
BW
IGT
(1)
VD=12V RL=30Ω
I-II-III
Max.
5
10
35
50
mA
VGT
VD=12V RL=30Ω
I-II-III
Max.
1.3
V
VGD
VD=VDRM RL=3.3KΩ
Tj=125℃
I-II-III
Min.
0.2
V
IH
(2)
IT=100mA
Max.
10
15
35
50
mA
IL
IG=1.2IGT
I-III
Max.
10
25
50
70
mA
II
15
30
60
80
(dV/dt)(2)
VD=67% VDRM gate open Tj=125℃
Min.
20
40
400
1000
V/μs
(dI/dt)c(2)
(dV/dt)c=0.1V/μs Tj=125℃
Min.
3.5
5.4
-
-
A/ms
(dV/dt)c=10V/μs Tj=125℃
Min.
1.5
2.98
-
-
Without snubber Tj=125℃
Min.
-
-
4.5
7
Note 1:minimum IGT is guaranted at 5% of IGT max.
Note 2:for both polarities of A2 referenced to A1.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)
免缓冲器和逻辑电平(3象限) / Snubberless and logic level(3 quadrants)


Número de pieza similar - BTB08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTB08 STMICROELECTRONICS-BTB08 Datasheet
129Kb / 11P
   8A TRIACS
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTB08 SIRECT-BTB08 Datasheet
1Mb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTB08 STMICROELECTRONICS-BTB08 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
JIEJIE MICROELECTRONICS...
BTB08 JIEJIE-BTB08 Datasheet
589Kb / 5P
   8A TRIACs
More results

Descripción similar - BTB08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
BTB06 FOSHAN-BTB06 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BT134 FOSHAN-BT134 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BTB12 FOSHAN-BTB12 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB24 FOSHAN-BTB24 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB04 FOSHAN-BTB04 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BT138 FOSHAN-BT138 Datasheet
954Kb / 6P
   Triac in a TO-220 Plastic Package
BTB16 FOSHAN-BTB16 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com