Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTB16 Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza BTB16
Descripción Electrónicos  Triac in a TO-220 Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTB16 Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTB16 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BTB16
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 8
符号
Symbol
测试条件
Test Conditions
信号区
Quadrant
BTB16
单位
Unit
C
B
IGT
(1)
VD=12V RL=33Ω
I-II-III
IV
Max.
25
50
50
100
mA
VGT
VD=12V RL=33Ω
ALL
Max.
1.3
V
VGD
VD=VDRM RL=3.3KΩ
Tj=125℃
ALL
Min.
0.2
V
IH
(2)
IT=500mA
Max.
25
50
mA
IL
IG=1.2IGT
I-III- IV
Max.
40
60
mA
II
80
120
(dV/dt)(2)
VD=67% VDRM gate open
Tj=125℃
Min.
200
400
V/μs
(dV/dt)c(2)
(dI/dt)c=7A/ms
Tj=125℃
Min.
5.0
10
Note 1:minimum IGT is guaranted at 5% of IGT max.
Note 2:for both polarities of A2 referenced to A1.
符号
Symbol
测试条件
Test Conditions
数值
Value
单位
Unit
VTM
(2)
ITM=22.5A
tp =380μs
Tj=25℃
Max.
1.55
V
Vto
(2)
Threshold voltage
Tj=125℃
Max.
0.85
V
Rd
(2)
Dynamic resistance
Tj=125℃
Max.
25
mΩ
IDRM
IRRM
VDRM = VRRM
Tj=25℃
Max.
5.0
μA
Tj=125℃
Max.
2.0
mA
Note2. for both polarities of A2 referenced to A1
电性能参数 / Electrical Characteristics(Ta=25℃)
标准(4 象限) / Standard(4 quadrants)
电性能参数 / Electrical Characteristics(Ta=25℃)


Número de pieza similar - BTB16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
99Kb / 9P
   16A TRIACS
logo
Kersemi Electronic Co.,...
BTB16 KERSEMI-BTB16 Datasheet
347Kb / 6P
   16 A Snubberless?? logic level and standard Triacs
logo
Suntac Electronic Corp.
BTB16 SUNTAC-BTB16 Datasheet
83Kb / 4P
   16A Triacs logic level
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
BTB16 STMICROELECTRONICS-BTB16 Datasheet
116Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
More results

Descripción similar - BTB16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB06 FOSHAN-BTB06 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BT134 FOSHAN-BT134 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BTB12 FOSHAN-BTB12 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB24 FOSHAN-BTB24 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB04 FOSHAN-BTB04 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BT138 FOSHAN-BT138 Datasheet
954Kb / 6P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com