Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSD882 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza KSD882
Descripción Electrónicos  Silicon NPN transistor in a TO-126 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KSD882 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KSD882 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD882 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD882 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD882 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD882 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD882 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD882
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
3.0
A
Collector Power Dissipation
PC
1.0
W
Collector Power Dissipation
PC(TC=25 )
10
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=30V
IE=0
1.0
μA
Emitter Cut-Off Current
IEBO
VEB=3.0V
IC=0
1.0
μA
DC Current Gain
hFE(1)
VCE=2.0V
IC=1.0A
60
160
400
hFE(2)
VCE=2.0V
IC=20mA
30
150
Collector to Emitter Saturation
Voltage
VCE(sat) IC=2.0A
IB=0.2A
0.3
0.5
V
Base to Emitter Saturation Voltage
VBE(sat) IC=2.0A
IB=0.2A
1.0
2.0
V
Transition Frequency
fT
VCE=5.0V
IC=0.1A
90
MHz
Collector Output Capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
45
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Número de pieza similar - KSD882

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KSD882 SAMSUNG-KSD882 Datasheet
202Kb / 6P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
KSD882 FAIRCHILD-KSD882 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
KSD882 FAIRCHILD-KSD882 Datasheet
147Kb / 5P
   NPN Epitaxial Silicon Transistor
KSD882G FAIRCHILD-KSD882G Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
KSD882O FAIRCHILD-KSD882O Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
More results

Descripción similar - KSD882

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
2SD669 FOSHAN-2SD669 Datasheet
1,019Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
2SD1609 FOSHAN-2SD1609 Datasheet
941Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
MJE243 FOSHAN-MJE243 Datasheet
1,015Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
TIP122L FOSHAN-TIP122L Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
2SD669A FOSHAN-2SD669A Datasheet
1,011Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package
BD237 FOSHAN-BD237 Datasheet
960Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
KTD1691 FOSHAN-KTD1691 Datasheet
982Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
2SC5171S FOSHAN-2SC5171S Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
MJE13003LF5 FOSHAN-MJE13003LF5 Datasheet
830Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package.
MJE13002F5 FOSHAN-MJE13002F5 Datasheet
804Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com