|
| NTE1616 |
|
||
|
NTE |
|
2 page
Electrical Characteristics (Cont’d): (VCC = 12V, TA = +25°C ±3°C f = 4.5mHz, ∆f = ±25kHz, fM = 400Hz, AM MOD = 30% unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit AF Voltage Gain GVAF fin = 400Hz, Vi = 100mVrms, R3 = 1kΩ 11.5 15.0 – dB IF Input Resistance Rin – 1.5 – k Ω IF Input Capacitance Cin – 2.0 – pF Pin4 Input Resistance Rin4 – 20 – k Ω Pin4 Input Capacitance Cin4 – 2.9 – pF Pin Connection Diagram VCC 1 2 3 4 AF Output Feedback Attenuator Input 5 Detector Output 6 Muting 7 GND 14 13 12 11 (+) IF Amp Input Low Pass Capacitor Regulated Voltage 10 Discriminator 9 Discriminator 8 DC Attenuator (–) IF Amp Input .600 (15.24) 17 14 8 .300 (7.62) .200 (5.08) Max .100 (2.45) .099 (2.5) Min .785 (19.95) Max |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1161 | Integrated Circuit TV Video/Sound IF Amp Detector | 1 2 3 | NTE Electronics |
| NTE1639 | Integrated Circuit CMOS Clock Generator/Driver for BBDs | 1 2 3 4 | NTE Electronics |
| NTE2024 | Integrated Circuit 2-Digit BCD-to-7-Segment Decoder/Driver | 1 2 | NTE Electronics |
| NTE7006 | Integrated Circuit Switch Mode Driver for DC Motors | 1 2 3 | NTE Electronics |
| KIA6801K | BIPOLAR LINEAR INTEGRATED CIRCUIT BI-DIRECTIONAL DC MOTOR DRIVER | 1 2 3 4 5 More | KEC(Korea Electronics) |
| NTE1162 | Integrated Circuit TV Sound IF Amp & FM Detector | 1 2 | NTE Electronics |
| NTE1749 | Integrated Circuit Push-Pull Four Channel Driver | 1 2 3 | NTE Electronics |
| NTE1866 | Integrated Circuit 5-Point LED VU Scale Bar Level Meter Driver | 1 2 | NTE Electronics |
| NTE2026 | Integrated Circuit Gas-Discharge Display Driver | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |