Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL3ICS3001FW Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza SL3ICS3001FW
Descripción Electrónicos  UCODE HSL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3ICS3001FW Datasheet(HTML) 4 Page - NXP Semiconductors

  SL3ICS3001FW Datasheet HTML 1Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 2Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 3Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 4Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 5Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 6Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 7Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 8Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Short Form Specification, Revision 3.0 October 2003
UCODE HSL
SL3ICS30 01
4
9)
Practical useable read distance values may be notable lower, strongly depending on application set-up,
damping by environment materials and the quality of the matching between tag antenna and chip impedance.
1.2 Collision Arbitration, Anticollision
An intelligent collision arbitration function allows operating more than one label in the filed simultaneously. The
aniticollision algorithm selects each tag individually and ensures that the execution of a transaction with a
selected tag is performed correctly without data corruption resulting from other tags in the field.
1.3 Data Integrity
The following mechanisms are implemented in the contactless communication link between the interrogator and
the tag ensure very reliable data transmission:
16 bit CRC
Bit count checking
Bit coding to distinguish between “1”, “0” and no information
Channel monitoring (protocol sequence and bit stream analysis)
1.4 Air Interface Standards
The SL3ICS30 is fully supporting standardization on air interfaces. The SL3ICS30 is targeted to be compliant
with the following air interfaces:
ISO/IEC 18000-4 – Information Technology - Radio Frequency Identification (RFID) for Item Management –
Part 4: Parameters for Air Interface Communications at 2.45 GHz
ISO/IEC 18000-6 – Information Technology - Radio Frequency Identification (RFID) for Item Management –
Part 6: Parameters for Air Interface Communications at 860 - 930 MHz
ANSI/INCITS 256-2001 – Radio Frequency Identification (RFID) Part 3 - 2.45 GHz
ANSI/INCITS 256-2001 – Radio Frequency Identification (RFID) Part 4 - UHF
1.5 Application Standards
The SL3ICS30 is also fully supporting application standardization. The SL3ICS30 is targeted to be compliant
with the following application standards:
MH10.8.4 – Radio Frequency Identification for Returnable Containers and Cable Reels
AIAG B-11 – Automotive Tire and Wheel Label Radio Frequency (RFID) Identification Standard
EAN.UCC GTAG™ – Radio Frequency Identification (RFID) Performance Standards Initiative
ISO 18185 – Freight Containers -Radio-frequency communication protocol for electronic seal


Número de pieza similar - SL3ICS3001FW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SL3ICS3001FW NXP-SL3ICS3001FW Datasheet
550Kb / 54P
   UCODE HSL
Rev. 3.1-9 July 2012
SL3ICS3001FWV7 NXP-SL3ICS3001FWV7 Datasheet
550Kb / 54P
   UCODE HSL
Rev. 3.1-9 July 2012
More results

Descripción similar - SL3ICS3001FW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SL3ICS3001 NXP-SL3ICS3001 Datasheet
550Kb / 54P
   UCODE HSL
Rev. 3.1-9 July 2012
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
   UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
   UCODE I2C
Rev.3.5-18 September 2018
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
   UCODE 7m
Rev. 3.4-6 March 2019
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
   UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
   UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
SL3S1203_1213 NXP-SL3S1203_1213 Datasheet
461Kb / 22P
   UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1205-15 NXP-SL3S1205-15 Datasheet
389Kb / 38P
   UCODE 8/8m
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com