Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIP127L Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza TIP127L
Descripción Electrónicos  Silicon PNP transistor in a TO-126 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP127L Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP127L Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127L Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127L Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127L Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127L Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127L Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TIP127L
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-126/F
500
6
3,000
5
15,000
135×190
237×172×102
560×245×195
套管包装 / TUBE
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-126/F
65
26
1,690
5
8,450
532×31×5.6
555×164×50
575×290×180
使用说明 / Notices


Número de pieza similar - TIP127L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
TIP127L MCC-TIP127L Datasheet
488Kb / 3P
   PNP Plastic-Encapsulate Transistors
logo
Unisonic Technologies
TIP127L-T60-K UTC-TIP127L-T60-K Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
TIP127L-T60-K UTC-TIP127L-T60-K Datasheet
259Kb / 4P
   PNP EPITAXIAL TRANSISTOR
TIP127L-T6S-K UTC-TIP127L-T6S-K Datasheet
259Kb / 4P
   PNP EPITAXIAL TRANSISTOR
TIP127L-TA3-T UTC-TIP127L-TA3-T Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results

Descripción similar - TIP127L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
2SB649A FOSHAN-2SB649A Datasheet
1,000Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package
2SB649 FOSHAN-2SB649 Datasheet
1,009Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
2SA1930S FOSHAN-2SA1930S Datasheet
922Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
KSB772 FOSHAN-KSB772 Datasheet
954Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
MJE253 FOSHAN-MJE253 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
2SD669 FOSHAN-2SD669 Datasheet
1,019Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
2SD1609 FOSHAN-2SD1609 Datasheet
941Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
MJE243 FOSHAN-MJE243 Datasheet
1,015Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
KSD882 FOSHAN-KSD882 Datasheet
865Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
TIP122L FOSHAN-TIP122L Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com