Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5009AN1S Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

No. de pieza SM5009AN1S
Descripción Electrónicos  Crystal Oscillator Module ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5009AN1S Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5009AN1S Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5009AN1S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5009AN1S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5009AN1S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5009AN1S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5009AN1S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5009AN1S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5009AN1S Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5009AN1S Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—7
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, IOH = 16mA
4.0
V
LOW-level output voltage
VOL
Q: Measurement cct 1, IOL = 16mA
0.4
V
HIGH-level input voltage
VIH
INH
0.7VDD
––
V
LOW-level input voltage
VIL
INH
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INH = LOW, VOH = VDD
––
10
µA
Q: Measurement cct 2, INH = LOW, VOL = VSS
––
10
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
40MHz crystal oscillator
CF5009AL1
12
26
mA
CF5009AL2
8
17
CF5009AL3
6
13
CF5009AL4
5
11
CF5009AL5
5
10
CF5009AL6
4
9
INH = open, Measurement cct 3,
load cct 2, CL = 15pF,
40MHz crystal oscillator,
Ta = –20 to +80
°C
SM5009AL1S
12
26
SM5009AL2S
8
17
SM5009AL3S
6
13
SM5009AL4S
5
11
SM5009AL5S
5
10
SM5009AL6S
4
9
Standby current
IST
INH = VSS, Measurement cct 3
6
15
µA
INH pull-up resistance
RUP1
Measurement cct 4, VDD = 5V, INH = VSS
0.3
6
M
RUP2
Measurement cct 4, VDD = 5V, INH = 3.5V
40
200
k
Negative resistance
−RL
VDD = 5V, Ta = 25°C, 40MHz
–400
Feedback resistance
Rf
Measurement cct 5
0.4
1.1
M
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
5.58
6
6.42
pF
CD
9.3
10
10.7
pF


Número de pieza similar - SM5009AN1S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5009AN1S NPC-SM5009AN1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results

Descripción similar - SM5009AN1S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com