Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM65MLVD207D Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza SM65MLVD207D
Descripción Electrónicos  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD207D Datasheet(HTML) 3 Page - Texas Instruments

  SM65MLVD207D Datasheet HTML 1Page - Texas Instruments SM65MLVD207D Datasheet HTML 2Page - Texas Instruments SM65MLVD207D Datasheet HTML 3Page - Texas Instruments SM65MLVD207D Datasheet HTML 4Page - Texas Instruments SM65MLVD207D Datasheet HTML 5Page - Texas Instruments SM65MLVD207D Datasheet HTML 6Page - Texas Instruments SM65MLVD207D Datasheet HTML 7Page - Texas Instruments SM65MLVD207D Datasheet HTML 8Page - Texas Instruments SM65MLVD207D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558A – DECEMBER 2002 – JUNE 2003
www.ti.com
3
DEVICE ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Driver only
RE and DE at VCC, RL = 50 Ω, All others open
13
22
ICC
Supply current
Both enabled
RE at VCC, DE at 0 V, RL = No Load, All others open
1
4
mA
ICC
Supply current
Both enabled
RE at 0 V, DE at VCC, RL = 50 Ω, All others open
16
24
mA
Receiver only
RE at 0 V, DE at 0 V, RL = 50 Ω, All others open
4
13
(1) All typical values are at 25
°C and with a 3.3-V supply voltage.
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
VAB or
VYZ
Differential output voltage magnitude
See Figure 2
480
650
mV
∆VAB or
∆VYZ
Change in differential output voltage magnitude
between logic states
See Figure 2
–50
50
mV
VOS(SS)
Steady-state common-mode output voltage
0.8
1.2
V
VOS(SS)
Change in steady-state common-mode output
voltage between logic states
See Figure 3
–50
50
mV
VOS(PP)
Peak-to-peak common-mode output voltage
150
mV
VY(OC) or
VA(OC)
Maximum steady-state open-circuit output
voltage
See Figure 7
0
2.4
V
VZ(OC) or
VB(OC)
Maximum steady-state open-circuit output
voltage
See Figure 7
0
2.4
V
VP(H)
Voltage overshoot, low-to-high level output
See Figure 5
1.2VSS
V
VP(L)
Voltage overshoot, high-to-low level output
See Figure 5
–0.2 VSS
V
IIH
High-level input current (D, DE)
VIH = 2 V
0
10
µA
IIL
Low-level input current (D, DE)
VIL = 0.8 V
0
10
µA
IOS
Differential short-circuit output current magnitude
See Figure 4
24
mA
IOZ
High-impedance state output current (driver
only)
–1.4 V
≤ VY or VZ ≤ 3.8 V,
Other output = 1.2 V
–15
10
µA
IO(OFF)
Power-off output current
–1.4 V
≤ VY or VZ ≤ 3.8 V,
Other output = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–10
10
µA
CY or CZ
Output capacitance
VI = 0.4 sin(30E6πt) + 0.5 V, (3)
Other input at 1.2 V, driver disabled
3
pF
CYZ
Differential output capacitance
VAB = 0.4 sin(30E6πt) V, (3)
Driver disabled
2.5
pF
CY/Z
Output capacitance balance, (CY/CZ)
0.99
1.01
(1) The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2) All typical values are at 25
°C and with a 3.3-V supply voltage.
(3) HP4194A impedance analyzer (or equivalent)


Número de pieza similar - SM65MLVD207D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM65MLVD207D TI-SM65MLVD207D Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Descripción similar - SM65MLVD207D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com