Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XL1225 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No. de pieza XL1225
Descripción Electrónicos  Thyristor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Página de inicio  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

XL1225 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  XL1225 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. XL1225 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. XL1225 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. XL1225 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. XL1225 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. XL1225 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XL1225
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
Repetitive peak off-state voltages
VDRM,
VRRM
Tj=40 to 125 (rgk=1kΩ)
400
V
RMS on-state current
IT(RMS)
Tc=40℃
0.8
A
Average on-state current
IT(AV)
Half cycle=180
TC=40℃
0.5
A
Peak Reverse Gate Voltage
VGRM
IGR=10μA
1.0
V
Peak gate current
IGM
10μs Max
0.1
A
Peak gate power
PGM
20ms Max
150
mW
Junction Temperature
Tj
-40~125
Storage Temperature Range
Tstg
-40~125
Soldering Temperature
TSLD
6mm from case10s Max
250
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Repetitive peak off-state
current
IDRM
@VDRM(RGK=1KΩ)
Tj=125℃
0.1
mA
Repetitive peak off-state
current
IRRM
@VDRM(RGK=1KΩ)
Tj=25℃
1.0
μA
Repetitive peak
on-state voltage
VT
AT IT=0.4A
1.4
V
AT IT=0.8A
2.2
On state threshold voltage
VT(TO)
Tj=125℃
0.95
V
On state slops resistance
Rt
Tj=125℃
600
m
Gate trigger current
IGT
VD=7.0V
200
μA
Gate trigger voltage
VGT
VD=7.0V
0.8
V
Holding current
IH
RGK=1KΩ
5
mA
Latching current
IL
RGK=1KΩ
6
mA
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Número de pieza similar - XL1225

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
XL1225 UTC-XL1225 Datasheet
15Kb / 2P
   The XL1225/ML1225 silicon controlled rectifiers
logo
Avic Technology
XL1225 AVICTEK-XL1225 Datasheet
33Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
XL1225 UTC-XL1225 Datasheet
69Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225 Datasheet
198Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Tiger Electronic Co.,Lt...
XL1225 TGS-XL1225 Datasheet
37Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
More results

Descripción similar - XL1225

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
X0205MA FOSHAN-X0205MA Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
X0605MK FOSHAN-X0605MK Datasheet
755Kb / 6P
   Thyristor in a TO-92 Plastic Package
PCR406 FOSHAN-PCR406 Datasheet
705Kb / 6P
   Thyristor in a TO-92 Plastic Package
MAC97A8 FOSHAN-MAC97A8 Datasheet
938Kb / 7P
   Triac in a TO-92 Plastic Package
BT131 FOSHAN-BT131 Datasheet
763Kb / 6P
   Triac in a TO-92 Plastic Package
MAC97A6 FOSHAN-MAC97A6 Datasheet
921Kb / 7P
   Triac in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com