Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PMC-1401Z Datasheet(PDF) 1 Page - PIC GmbH

No. de pieza PMC-1401Z
Descripción Electrónicos  Standard SMD Reed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PIC [PIC GmbH]
Página de inicio  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-1401Z Datasheet(HTML) 1 Page - PIC GmbH

  PMC-1401Z Datasheet HTML 1Page - PIC GmbH PMC-1401Z Datasheet HTML 2Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S W T
I C H I N G T HE S M A R T WAY
PMC-1401Z
Contact rating max.
10
Switching current max.
1
Drop out min.
4
Operate time max. (incl. bounce)
1
Release time max.
0.4
Switching frequency max.
500
Resonant frequency typ.
4000
Vibration
20
Shock
100
Operating temperature
-60
Insulation resistance min.
10
PMC-1401Z
Carry current max.
Switching voltage max.
Breakdown voltage min.
Contact resistance max. (initial)
Pull in range available
Test coil
Standard SMD Reed Switch
Magnetical Characteristics (of unmodified Reed Switch)
Operating Characteristics
Environmental Characteristics
Contact form
A
10
200
140
1.2
240
150
VDC
VAC
W / VA
A
A
VDC
mΩ
10 - 25
014
AT
AT
Contact material
Ru
Test equipment tolerance
2
155
to +
ms
ms
Hz
Hz
TC
± AT
°C
g
g
@ 25 °C
@ 25 °C
Packing Unit
5000
Weight per piece
0.1
Weight per package
1200
g
g
pcs
Standard AT ranges
Features
Dimensions in mm
Approvals
Ordering example
PMC1401Z1520 describes
PMC-1401Z with 15-20 AT
(50-2000 Hz)
(1/2 sin 11 ms)
Reel size
13 inches
Storage temperature
-60
155
Soldering temperature max.
300
Lead tensile strength min.
4
°C
°C
kg
to +
Electrical Characteristics
@ 25 °C
Ordering Information
Position of contact blades not defined.
10
15
to
AT
15
20
to
AT
20
25
to
AT
Small size
Minimum height above PCB
Perfect economical alternative to Hall
switches
Replaces various competitors types
Over 1 billion reliable operations at
dry circuits or low level loads
Suitable for lead-free soldering
Tape & reel packaging
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.1
pmc1401z_ds_e_1.1
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Page 1 of 2


Número de pieza similar - PMC-1401Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PIC GmbH
PMC-1401 PIC-PMC-1401 Datasheet
26Kb / 1P
   Standard Reed Switch
PMC-1401E PIC-PMC-1401E Datasheet
24Kb / 1P
   Latching Reed Switch
PMC-1401F PIC-PMC-1401F Datasheet
159Kb / 2P
   Standard SMD Reed Switch
PMC-1401FH PIC-PMC-1401FH Datasheet
146Kb / 2P
   Standard SMD Reed Switch
PMC-1401S PIC-PMC-1401S Datasheet
104Kb / 5P
   Standard Reed Switch for automated assembly
More results

Descripción similar - PMC-1401Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PIC GmbH
PMC-1001ZHL PIC-PMC-1001ZHL Datasheet
150Kb / 2P
   Standard SMD Reed Switch
PMC-1001FH PIC-PMC-1001FH Datasheet
145Kb / 2P
   Standard SMD Reed Switch
PMC-1401FH PIC-PMC-1401FH Datasheet
146Kb / 2P
   Standard SMD Reed Switch
PMC-1001F PIC-PMC-1001F Datasheet
156Kb / 2P
   Standard SMD Reed Switch
PMC-1001Z PIC-PMC-1001Z Datasheet
158Kb / 2P
   Standard SMD Reed Switch
PMC-1402S PIC-PMC-1402S Datasheet
399Kb / 2P
   Standard SMD Reed Switch
PMC-1401F PIC-PMC-1401F Datasheet
159Kb / 2P
   Standard SMD Reed Switch
PMC-1401T PIC-PMC-1401T Datasheet
291Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1506 PIC-PMC-1506 Datasheet
26Kb / 1P
   Standard Reed Switch
PMC-1001 PIC-PMC-1001 Datasheet
34Kb / 1P
   Standard Reed Switch
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com