Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLG-480H-C Datasheet(PDF) 8 Page - Mean Well Enterprises Co., Ltd.

No. de pieza HLG-480H-C
Descripción Electrónicos  480W Constant Current Mode LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-480H-C Datasheet(HTML) 8 Page - Mean Well Enterprises Co., Ltd.

Back Button HLG-480H-C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-480H-C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-480H-C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-480H-C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-480H-C Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-480H-C Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HLG-480H-C Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HLG-480H-C Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. HLG-480H-C Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
480W
Constant Current Mode LED Driver
HLG-480H-C series
File Name:HLG-480H-C-SPEC 2017-01-17
LIFE TIME
0
20
40
60
80
100
120
25 30 35 40 45 50 55 60 65 70 75 80 85 90
Tcase (
)


Número de pieza similar - HLG-480H-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
HLG-480H-24 MEANWELL-HLG-480H-24 Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H-24A MEANWELL-HLG-480H-24A Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-24B MEANWELL-HLG-480H-24B Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-30 MEANWELL-HLG-480H-30 Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H-30A MEANWELL-HLG-480H-30A Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
More results

Descripción similar - HLG-480H-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
HVG-480 MEANWELL-HVG-480 Datasheet
271Kb / 9P
   480W Constant Voltage Constant Current LED Driver
HLG-480H MEANWELL-HLG-480H_18 Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HVGC-480 MEANWELL-HVGC-480 Datasheet
306Kb / 11P
   480W Constant Power Mode LED Driver
HLG-320H-C MEANWELL-HLG-320H-C Datasheet
3Mb / 9P
   320W Constant Current Mode LED Driver
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
IDLC-65 MEANWELL-IDLC-65 Datasheet
200Kb / 6P
   65W Constant Current Mode LED Driver
IDPC-65 MEANWELL-IDPC-65 Datasheet
220Kb / 6P
   65W Constant Current Mode LED Driver
LPF-16D MEANWELL-LPF-16D Datasheet
567Kb / 8P
   16W Constant Current Mode LED Driver
XLG-20 MEANWELL-XLG-20 Datasheet
626Kb / 6P
   21W Constant Current Mode LED Driver
2022-08-08
IDLC-45 MEANWELL-IDLC-45 Datasheet
576Kb / 6P
   45W Constant Current Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com