Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP2327 Datasheet(PDF) 1 Page - Stanson Technology

No. de pieza STP2327
Descripción Electrónicos  P Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP2327 Datasheet(HTML) 1 Page - Stanson Technology

  STP2327 Datasheet HTML 1Page - Stanson Technology STP2327 Datasheet HTML 2Page - Stanson Technology STP2327 Datasheet HTML 3Page - Stanson Technology STP2327 Datasheet HTML 4Page - Stanson Technology STP2327 Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STP2327
P Channel Enhancement Mode MOSFET
-1.5A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
STP2327 2013. Rev.1
DESCRIPTION
STP2327 is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application such as cellular phone and notebook
computer power management, other battery powered circuits, and low in-line power
loss are required. The product is in a very small outline surface mount package.
PIN CONFIGURATION
SOT-23-6L
PART MARKING
Y: Year Code
A: date Code
FEATURE
l
-100V/-1.5.0A, RDS(ON) = 520m-ohm (Typ.)
@VGS = -10V
l
-100V/-0.5.0A, RDS(ON) = 600m-ohm
@VGS = -4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and maximum
DC current capability
l
SOT-23-6L package design


Número de pieza similar - STP2327

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
STP2301 DGNJDZ-STP2301 Datasheet
524Kb / 6P
   -20V P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STP2301 VBSEMI-STP2301 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
STP2301S-TRG VBSEMI-STP2301S-TRG Datasheet
472Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
STP2301_V1 ETC2-STP2301_V1 Datasheet
371Kb / 7P
   P Channel Enhancement Mode MOSFET
logo
STMicroelectronics
STP23N80K5 STMICROELECTRONICS-STP23N80K5 Datasheet
722Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2015 Rev 1
More results

Descripción similar - STP2327

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com