Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GPTN3084 Datasheet(PDF) 2 Page - Green Power Solutions srl

No. de pieza GPTN3084
Descripción Electrónicos  PHASE CONTROLLED SCR, High reliability operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GPSEMI [Green Power Solutions srl]
Página de inicio  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTN3084 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPTN3084_17 Datasheet HTML 1Page - Green Power Solutions srl GPTN3084_17 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHASE CONTROLLED SCR
GPTN3084
Ordering information GPTN3084-VVGL
VV: blocking voltage / 100 (e.g. 24 for 2400 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTN3084T002
0
2
4
6
8
10
12
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
200
400
600
800
1000
1200
1400
1600
1800
0
0.5
1
1.5
2
2.5
V
T [V]
On-state voltage drop
T
j=Tjmax
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.001
0.01
0.1
1
10
100
Time [s]
Thermal impedance (j-c)
50
60
70
80
90
100
110
120
130
0
200
400
600
800
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
200
400
600
800
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
0
200
400
600
800
1000
1200
1400
1600
1800
0.5
1
1.5
2
2.5
3
V
T [V]
On-state voltage drop
T
j=Tjmax
dimensions mm


Número de pieza similar - GPTN3084_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Green Power Solutions s...
GPTN3084 GPSEMI-GPTN3084 Datasheet
120Kb / 2P
   PHASE CONTROLLED SCR
More results

Descripción similar - GPTN3084_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Green Power Solutions s...
GPTN5061 GPSEMI-GPTN5061_17 Datasheet
288Kb / 2P
   PHASE CONTROLLED SCR, High reliability operation
GPTN7045 GPSEMI-GPTN7045 Datasheet
289Kb / 2P
   PHASE CONTROLLED SCR, High reliability operation
GPTN2115 GPSEMI-GPTN2115_17 Datasheet
288Kb / 2P
   PHASE CONTROLLED SCR, High reliability operation
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GPTG2072 GPSEMI-GPTG2072_17 Datasheet
314Kb / 2P
   PHASE CONTROLLED SCR
GPTR4260 GPSEMI-GPTR4260 Datasheet
294Kb / 2P
   PHASE CONTROLLED SCR
GPTS7224 GPSEMI-GPTS7224 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTP2165 GPSEMI-GPTP2165_17 Datasheet
487Kb / 2P
   PHASE CONTROLLED SCR
GPTR1545 GPSEMI-GPTR1545 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS3612 GPSEMI-GPTS3612 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com