|
| NTE1657 |
|
||
|
NTE |
|
2 page
DC Characteristics: (VCC = 8V, Pin Voltage at No Signal, unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Input (Pin1) V1 – 3.5 – V LP Filter 1 (Pin2) V2 – 6.6 – V VCC (Pin3) V3 – 8.0 – V VCO (Pin4) V4 – 7.1 – V GND (Pin5) V5 – 0 – V Stereo Lamp (Pin6) V6 – – – V LP Filter 2 V7 – 7.4 – V Left Channel Output (Pin8) V8 – 4.0 – V Right Channel Output (Pin9) V9 – 4.0 – V AC Electrical Characteristics: (TA = +25°C, VCC = 8V, f = 1kHz, unless otherwise specified) Characteristic Symbol Test Condition Min Typ Max Unit Supply Current ICC at Lamp Off – 11 18 mA Input Resistance RIN – 33 – k Ω Max Composite Signal Input Voltage VIN Max Stereo L + R = 90%, P = 10% – 550 – mVrms Separation Sep L – R = 180mVrms, P = 20mVrms 36 45 – dB Total Harmonic Distortion Monaural THD VIN = 200mVrms – 0.08 0.3 % Stereo L + R = 180mVrms, P = 20mVrms – 0.08 – % Voltage Gain GV VIN = 200mVrms –2.0 0.5 +2.0 dB Channel Balance CB VIN = 200mVrms – 0 1.5 dB Lamp Sensitivity ON VL(ON) Pilot Input – 10 15 mVrms OFF VL(OFF) 2 6 – mVrms Stereo Lamp Hysteresis VH To Turn Off From Lamp Turn On – 3 – mVrms Capture Range CR P = 20mVrms – ±3 – % Carrier Leak 9kHz CL L + R = 180mVrms, P = 20mVrms – 34 – dB 38kHz rms rms – 42 – dB SCA Rejection Ratio SCA Rej L + R = 160mVrms, P = 20mVrms SCA = 20mVrms, fSCA = 67kHz – 70 – dB Signal–to–Noise Ratio S/N VIN = 180mVrms, f = 1kHz, Rg = 620Ω – 74 – dB Output Current (Pin8, Pin9) IOUT RL = 3.3kΩ VCC = 3.5V – 0.3 0.6 mA VCC = 8V – 1.2 1.8 mA VCC = 12V – 1.4 2.1 mA |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1248 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod | 1 2 3 | NTE Electronics |
| NTE1217 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demodulator | 1 2 | NTE Electronics |
| NTE1560 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator | 1 2 | NTE Electronics |
| NTE1206 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 | NTE Electronics |
| NTE7116 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System | 1 2 3 4 5 | NTE Electronics |
| NTE7050 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 4 5 | NTE Electronics |
| NTE743 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 | NTE Electronics |
| NTE1779 | Integrated Circuit TV VIF Amp Phase Lock Loop PLL | 1 2 | NTE Electronics |
| NTE1534 | Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio | 1 2 | NTE Electronics |
| NTE989 | Integrated Circuit General Purpose Phase Lock Loop PLL | 1 2 3 4 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |