|
| SF_2N4395 |
|
|||
|
SEME-LAB |
|
|
1 page
2N4395 Bipolar NPN Device. V CEO = 40V I C = 5A All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications. Parameter Test Conditions Min. Typ. Max. Units V CEO* 40 V I C(CONT) 5 A h FE @ 1/2 (V CE / IC) 50 170 - f t 4M Hz P D 62 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Generated 31-Jul-02 TO3 (TO204AA) PINOUTS 1 – Base 2 – Emitter Case - Collector Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Dimensions in mm (inches). 12 3 (case) 25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50) 6.35 (0.25) 9.15 (0.36) 1.52 (0.06) 3.43 (0.135) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| 2N5606 | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
| BUX41 | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
| BDY24B | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
| 2N4112 | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
| 2N6676 | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
| 2N5874 | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
| 2N6270 | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
| BDY95 | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
| 2N6653 | Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. | 1 | Seme LAB |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |