Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2235 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2SC2235
Descripción Electrónicos  TO-92MOD Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2235 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2235 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2235 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2235 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2235 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92MOD Plastic-Encapsulate Transistors
2SC2235 TRANSISTOR (NPN)
FEATURES
Complementary to 2SA965
MAXIMUM RATINGS ( Ta
B
a=25
℃ unless otherwise noted)
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V
B
(BR)CBO
B
I
B
C
B
=1mA,I
B
E
B
=0
120
V
Collector-emitter breakdown voltage
V
B
(BR)CEO
B
I
B
C
B
=10mA,I
B
B
B
=0
120
V
Emitter-Base breakdown voltage
V
B
(BR)EBO
B
I
B
E
B
=1mA,I
B
C
B
=0 5
V
Collector cut-off current
I
B
CBO
B
V
B
CB
B
=120V,I
B
E
B
=0
0.1
μA
Emitter cut-off current
I
B
EBO
B
V
B
EB
B
=5V,I
B
C
B
=0
0.1
μA
DC current gain
h
B
FE
B
V
B
CE
B
=5V,I
B
C
B
=100mA
80
240
Collector-emitter saturation voltage
V
B
CE
B
(sat)
I
B
C
B
=500mA,I
B
B
B
=50mA
1.0
V
Base-emitter voltage
V
B
BE
B
I
B
C
B
=500mA, V
B
CE
B
=5V
1.0
V
Transition frequency
f
B
T
B
V
B
CE
B
=5V, I
B
C
B
=100mA
120
MHz
Collector output capacitance
Cob
V
B
CB=10V, I
B
E
B
=0
f=1MHz
30
pF
CLASSIFICATION OF
hFE
Rank
O
Y
Range
80
-160
120
-240
TO-92MOD
1. EMITTER
2. COLLECTER
3. BASE
Symbol
Parameter
Value
Unit
V
B
CBOB
Collector-Base Voltage
120
V
V
B
CEOB
Collector-Emitter Voltage
120
V
V
B
EBOB
Emitter-Base Voltage
5
V
I
B
CB
Collector Current -Continuous
0.8
A
P
B
CB
Collector Power Dissipation
0.9
W
T
B
JB
Junction Temperature
150
T
B
stgB
Storage Temperature
-55to+150
JC T
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
D,Mar,2016


Número de pieza similar - 2SC2235

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
   TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
108Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process)
logo
SeCoS Halbleitertechnol...
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
More results

Descripción similar - 2SC2235

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
2SA965 JIANGSU-2SA965 Datasheet
4Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
2SB985 JIANGSU-2SB985 Datasheet
3Mb / 5P
   TO-92MOD Plastic-Encapsulate Transistors
2SC1627A JIANGSU-2SC1627A Datasheet
6Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
3CG751 JIANGSU-3CG751 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
2SB740 JIANGSU-2SB740 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
2SB927 JIANGSU-2SB927 Datasheet
2Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
2SC2230 JIANGSU-2SC2230 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Avic Technology
AV966 AVICTEK-AV966 Datasheet
424Kb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KSA931 JIANGSU-KSA931 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
KSC2316 JIANGSU-KSC2316 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
KSC2328A JIANGSU-KSC2328A Datasheet
1Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com