Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC4115S Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2SC4115S
Descripción Electrónicos  TO-92S Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC4115S Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC4115S Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4115S Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4115S Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4115S Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4115S Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
200
400
600
800
1000
0
500
1000
1500
2000
2500
3000
0.1
1
10
1
10
100
1000
0
2040
6080
100
0
50
100
150
200
250
300
1
10
100
1000
10
100
1000
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.1
1
10
100
1000
200
400
600
800
1000
1200
0.1
1
10
100
1000
0
100
200
300
400
012
3456
0
50
100
150
200
250
V
CE=2V
T
a=25
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C
——
V
BE
20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=2V
T
a=25
oC
I
C
f
T
——
3000
V
CE= 2V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE T
a
( )
P
c
——
T
a
3000
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=20
I
C
V
BEsat
——
3000
T
a=25
T
a=100
β=20
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
800uA
720uA
640uA
560uA
480uA
400uA
320uA
240uA
160uA
I
B=80uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
Typical Characteristics
www.cj-elec.com
3
A,Jun,2014
www.cj-elec.com
F,Aug,2017


Número de pieza similar - 2SC4115S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SC4115S ROHM-2SC4115S Datasheet
96Kb / 4P
   Low Frequency Transistor (20V, 3A)
logo
SeCoS Halbleitertechnol...
2SC4115S SECOS-2SC4115S Datasheet
95Kb / 2P
   NPN Silicon General Purpose Transistor
logo
Rohm
2SC4115S ROHM-2SC4115S Datasheet
165Kb / 3P
   Low Frequency Transistor (20V, 3A)
logo
SHENZHEN YONGERJIA INDU...
2SC4115S WINNERJOIN-2SC4115S Datasheet
131Kb / 1P
   TRANSISTOR (NPN)
logo
Micro Commercial Compon...
2SC4115S-Q MCC-2SC4115S-Q Datasheet
75Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

Descripción similar - 2SC4115S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
KSD1021 JIANGSU-KSD1021 Datasheet
507Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3195 JIANGSU-KTC3195 Datasheet
269Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA821S JIANGSU-2SA821S Datasheet
500Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC3311A JIANGSU-2SC3311A Datasheet
586Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SD2470 JIANGSU-2SD2470 Datasheet
369Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA933AS JIANGSU-2SA933AS Datasheet
6Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SC2839 JIANGSU-2SC2839 Datasheet
805Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KSD1020 JIANGSU-KSD1020 Datasheet
486Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3199 JIANGSU-KTC3199 Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SA1267 JIANGSU-2SA1267 Datasheet
3Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com