Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N32 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza 4N32
Descripción Electrónicos  Optocoupler, Photodarlington Output, High Gain With Base Connection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32 Datasheet(HTML) 6 Page - Vishay Siliconix

  4N32 Datasheet HTML 1Page - Vishay Siliconix 4N32 Datasheet HTML 2Page - Vishay Siliconix 4N32 Datasheet HTML 3Page - Vishay Siliconix 4N32 Datasheet HTML 4Page - Vishay Siliconix 4N32 Datasheet HTML 5Page - Vishay Siliconix 4N32 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 08-Feb-17
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of
typical requirements that are often placed on Vishay products in generic applications. Such statements are not binding
statements about the suitability of products for a particular application. It is the customer’s responsibility to validate that a
particular product with the properties described in the product specification is suitable for use in a particular application.
Parameters provided in datasheets and / or specifications may vary in different applications and performance may vary over
time. All operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk.
Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for
such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document
or by any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
© 2017 VISHAY INTERTECHNOLOGY, INC. ALL RIGHTS RESERVED


Número de pieza similar - 4N32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
4N32 MOTOROLA-4N32 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Everlight Electronics C...
4N32 EVERLIGHT-4N32 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N32 VISHAY-4N32 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
logo
QT Optoelectronics
4N32 QT-4N32 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
More results

Descripción similar - 4N32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 07-May-08
4N32-X000 VISHAY-4N32-X000 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com