Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2200 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza TSC2200
Descripción Electrónicos  PDA ANALOG INTERFACE CIRCUIT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2200 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  TSC2200 Datasheet HTML 1Page - Burr-Brown (TI) TSC2200 Datasheet HTML 2Page - Burr-Brown (TI) TSC2200 Datasheet HTML 3Page - Burr-Brown (TI) TSC2200 Datasheet HTML 4Page - Burr-Brown (TI) TSC2200 Datasheet HTML 5Page - Burr-Brown (TI) TSC2200 Datasheet HTML 6Page - Burr-Brown (TI) TSC2200 Datasheet HTML 7Page - Burr-Brown (TI) TSC2200 Datasheet HTML 8Page - Burr-Brown (TI) TSC2200 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
www.ti.com
TSC2200
SBAS191F
PIN DESCRIPTION
PIN
TSSOP
QFN
NAME
DESCRIPTION
1
29, 30
VDD
Power Supply
2
31
X+
X+ Position Input
3
32
Y+
Y+ Position Input
41
X–
X– Position Input
52
Y–
Y– Position Input
6
3
GND
Ground
74
VBAT1
Battery Monitor Input 1
85
VBAT2
Battery Monitor Input 2
96
VREF
Voltage Reference Input/Output
10
7
KBIRQ
Keyboard Interrupt (active LOW)
11
8
R1
Row 1
12
10
R2
Row 2
13
11
R3
Row 3
14
12
R4
Row 4
15
13
C1
Column 1
16
14
C2
Column 2
17
15
C3
Column 3
18
16
C4
Column 4
19
17
SCLK
Serial Clock Input
20
18
SS
Slave Select Input (active LOW). Data will not be clocked in to MOSI unless SS is LOW. When SS is HIGH, MISO is high impedance.
21
19
MOSI
Serial Data Input. Data is clocked in at SCLK falling edge.
22
20
DAV
Data Available (active LOW)
23
21
MISO
Serial Data Output. Data is clocked out at SCLK falling edge. High impedance when SS is HIGH.
24
22
PENIRQ
Pen Interrupt
25
23
AOUT
Analog Output Current from D/A Converter
26
26
ARNG
D/A Converter Analog Output Range Set
27
27
AUX2
Auxiliary A/D Converter Input 2
28
28
AUX1
Auxiliary A/D Converter Input 1
9, 24, 25
NC
No Connection
PIN CONFIGURATION
Top View
TSSOP
+V
DD
X+
Y+
X–
Y–
GND
V
BAT1
V
BAT2
V
REF
KBIRQ
R1
R2
R3
R4
AUX1
AUX2
ARNG
A
OUT
PENIRQ
MISO
DAV
MOSI
SS
SCLK
C4
C3
C2
C1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TSC2200
Top View
QFN
X–
Y–
GND
V
BAT1
V
BAT2
V
REF
KBIRQ
R1
NC
A
OUT
PENIRQ
MISO
DAV
MOSI
SS
SCLK
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
TSC2200


Número de pieza similar - TSC2200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2200 TI1-TSC2200 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPW TI1-TSC2200IPW Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWG4 TI1-TSC2200IPWG4 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWR TI1-TSC2200IPWR Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWRG4 TI1-TSC2200IPWRG4 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results

Descripción similar - TSC2200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com