Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1767 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2SD1767
Descripción Electrónicos  SOT-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1767 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1767 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1767 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1767 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1767 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.400
1.600
0.055
0.063
b
0.320
0.520
0.013
0.020
b1
0.400
0.580
0.016
0.023
c
0.350
0.440
0.014
0.017
D
4.400
4.600
0.173
0.181
D1
E
2.300
2.600
0.091
0.102
E1
3.940
4.250
0.155
0.167
e
e1
L
0.900
1.200
0.035
0.047
Symbol
Dimensions In Millimeters
Dimensions In Inches
1.550 REF.
0.061 REF.
1.500 TYP.
0.060 TYP.
3.000 TYP.
0.118 TYP.
SOT-89-3L Package Outline Dimensions
SOT-89-3L Suggested Pad Layout
www.cj-elec.com
3
C,Nov,2015


Número de pieza similar - 2SD1767

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SD1767 ROHM-2SD1767 Datasheet
71Kb / 3P
   Medium power transistor (80V, 0.7A)
2SD1767 ROHM-2SD1767 Datasheet
42Kb / 1P
   MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
2SD1767 ETC1-2SD1767 Datasheet
38Kb / 1P
   MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
Guangdong Kexin Industr...
2SD1767 KEXIN-2SD1767 Datasheet
50Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1767 SECOS-2SD1767 Datasheet
77Kb / 1P
   0.7A , 80V NPN Plastic Encapsulated Transistor
More results

Descripción similar - 2SD1767

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com