Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1991A Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2SD1991A
Descripción Electrónicos  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1991A Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1991A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1991A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1991A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SD1991A
TRANSISTOR (NPN)
FEATURES
High Foward Current Transfer Ratio hFE
Low Collector to Emitter Saturation Voltage VCE(sat).
Allowing Supply with the Radial Taping.
MAXIMUM RATINGS (Ta=25
unless otherwise noted
)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current -Continuous
100
mA
PC
Collector Power Dissipation
400
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ uless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
M
ax
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=2mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=20V,IE=0
1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
1
μA
hFE(1)
VCE=10V,IC=2mA
160
460
DC current gain
hFE(2)
VCE=2V,IC=100mA
90
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,IB=10mA
0.3
V
Transition frequency
fT
VCE=10V,IC=2mA,f=200MHz
150
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
3.5
pF
CLASSIFICATION OF
hFE(1)
Rank
Q
R
S
Range
160-260
210-340
290-460
TO-92
1.
EMITTER
2.
COLLECTOR
3.
BASE
www.cj-elec.com
1
C,Dec,2015


Número de pieza similar - 2SD1991A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1991A PANASONIC-2SD1991A Datasheet
49Kb / 3P
   Silicon NPN epitaxial planer type
logo
SHENZHEN KOO CHIN ELECT...
2SD1991A KOOCHIN-2SD1991A Datasheet
312Kb / 3P
   TRANSISTOR (NPN)
logo
Nanjing International G...
2SD1991A DGNJDZ-2SD1991A Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
2SD1991A-TA DGNJDZ-2SD1991A-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Descripción similar - 2SD1991A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com