Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC239 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza BC239
Descripción Electrónicos  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC239 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC239 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC239 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC239 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC239 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www
.cj-elec.com

DAug
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
U
nit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA, IE=0
BC237
BC238/239
50
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=2mA, IB=0
BC237
BC238/239
45
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
BC237
BC238/239
6
5
V
Collector cut-off current
ICBO
VCE=50V, VBE=0
BC237
VCB=30V,IE=0
BC238/239
15
nA
hFE(1)
VCE=5V, IC=10μA
BC237A
BC237B/238B
BC237C/238C/239C
90
150
270
hFE(2)
VCE=5V, IC=2mA
BC237
BC239
BC237A
BC237B/238B
BC237C/238C/239C
120
120
120
200
380
800
800
220
460
800
DC current gain
hFE(3)
VCE=5V, IC=100mA
BC237A
BC237B/238B
BC237C/238C/239C
120
180
300
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=0.5mA BC237/238/239
IC=100mA, IB=5mA
BC237/239
BC238
0.2
0.6
0.8
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA,IB=0.5mA
IC=100mA,IB=5mA
0.83
1.05
V
Base-emitter voltage
VBE
VCE=5V, IC=0.1mA
VCE=5V, IC=2mA
VCE=5V, IC=100mA
0.55
0.5
0.83
0.7
V
Transition frequency
fT
VCE=3V,IC=0.5mA,f=100MHz BC237
BC238
BC239
VCE=5V,IC=10mA,f=100MHz BC237
BC238
BC239
150
150
150
100
120
140
200
240
280
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
4.5
pF
Emitter-base capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
8
Pf
Noise figure
NF
VCE=5V, Ic=0.2mA,
f=1kHZ, Rs=2KΩ
BC239
VCE=5V, Ic=0.2mA,
f=1kHZ, Rs=2KΩ, Δf=200Hz BC237
BC238
BC239
2
2
2
2
4
10
10
4
dB


Número de pieza similar - BC239

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC239 MOTOROLA-BC239 Datasheet
112Kb / 4P
   Amplifier Transistors
logo
ARTSCHIP ELECTRONICS CO...
BC239 ARTSCHIP-BC239 Datasheet
181Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC239 ONSEMI-BC239 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
List of Unclassifed Man...
BC239 ETC2-BC239 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
BC239 FAIRCHILD-BC239 Datasheet
45Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Descripción similar - BC239

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com