Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8182D19BGD-333I Datasheet(PDF) 8 Page - GSI Technology

No. de pieza GS8182D19BGD-333I
Descripción Electrónicos  JEDEC-standard pinout and package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182D19BGD-333I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS8182D19BGD-333I Datasheet HTML 4Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 5Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 6Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 7Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 8Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 9Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 10Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 11Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Byte Write Clock Truth Table
BW
BW
BW
BW
Current Operation
D
D
D
D
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
T
T
T
T
Write
Dx stored if BWn = 0 in all four data transfers
D0
D2
D3
D4
T
F
F
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D0
X
X
X
F
T
F
F
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D1
X
X
F
F
T
F
Write
Dx stored if BWn = 0 in 3rd data transfer only
X
X
D2
X
F
F
F
T
Write
Dx stored if BWn = 0 in 4th data transfer only
X
X
X
D3
F
F
F
F
Write Abort
No Dx stored in any of the four data transfers
X
X
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.
GS8182D19/37BD-435/400/375/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03a 11/2011
8/27
© 2008, GSI Technology


Número de pieza similar - GS8182D19BGD-333I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results

Descripción similar - GS8182D19BGD-333I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com