Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1012B Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza 2SA1012B
Descripción Electrónicos  TO-252-2L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA1012B Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA1012B Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1012B Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1012B Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1012B Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO-252-2L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-252-2L Plastic-Encapsulate Transistors
2SA1012B
TRANSISTOR (PNP)
FEATURES
-2A,-50V Middle Power Transistor
Suitable for Middle Power Driver
Low Collector-emitter saturation voltage
APPLICATIONS
Middle Power Driver
LED Driver
Power Supply
MARKING
A1012B= Device code
Solid dot = Green molding compound device,
if none, the normal device
Front side
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-2
A
Collector Power Dissipation
PC
(1)
1.25
W
Thermal Resistance From Junction To Ambient
RθJA
100
℃/W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55~+150
(1). Mounted on a substrate
www.cj-elec.com
1
B,Mar,2016
[[[
[[[
;;; &RGH


Número de pieza similar - 2SA1012B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2SA1012 MOSPEC-2SA1012 Datasheet
116Kb / 3P
   POWER TRANSISTORS(5A,50V,25W)
logo
Jiangsu Changjiang Elec...
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SA1012 TOSHIBA-2SA1012 Datasheet
199Kb / 3P
   TRANSISITOR (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
314Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
More results

Descripción similar - 2SA1012B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
2SB1261 JIANGSU-2SB1261 Datasheet
918Kb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJD3055 DGNJDZ-MJD3055 Datasheet
2Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
   TO-252-2L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1184 JIANGSU-2SB1184 Datasheet
1Mb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
2SD1899 JIANGSU-2SD1899 Datasheet
862Kb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
2SA1225 JIANGSU-2SA1225 Datasheet
1Mb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
2SA1952 JIANGSU-2SA1952 Datasheet
1Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SD669 DGNJDZ-2SD669 Datasheet
1Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
MJD41C DGNJDZ-MJD41C Datasheet
2Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
MJD127 DGNJDZ-MJD127 Datasheet
2Mb / 5P
   TO-252-2L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com