Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC848W Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza BC848W
Descripción Electrónicos  SOT-323 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC848W Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC848W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC848W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC848W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC848W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC848W Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
SOT-323 Plastic-Encapsulate Transistors
BC846W
TRANSISTOR (NPN)
BC847W
BC848W
FEATURES
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC846W
BC847W
BC848W
80
50
30
V
VCEO
Collector-Emitter Voltage
BC846W
BC847W
BC848W
65
45
30
V
VEBO
Emitter-Base Voltage
BC846W
BC847W
BC848W
6
6
5
V
IC
Collector Current –Continuous
0.1
A
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
DEVICE MARKING
BC846AW=1A; BC846BW=1B;
BC847AW=1E; BC847BW=1F; BC847CW=1G;
BC848AW=1J; BC848BW=1K: BC848CW=1L
SOT-323
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
D,Sep,2014
JC T
RΘJA
Thermal Resistance From Junction To Ambient
833
℃/W


Número de pieza similar - BC848W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
BC848W KEC-BC848W Datasheet
251Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Continental Device Indi...
BC848W CDIL-BC848W Datasheet
367Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Infineon Technologies A...
BC848W INFINEON-BC848W Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
logo
Guangdong Kexin Industr...
BC848W KEXIN-BC848W Datasheet
1Mb / 2P
   NPN Transistors
logo
Diotec Semiconductor
BC848W DIOTEC-BC848W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Descripción similar - BC848W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SC4098 JIANGSU-2SC4098 Datasheet
695Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SC4102 JIANGSU-2SC4102 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SC4116 JIANGSU-2SC4116 Datasheet
873Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
KTA2015 JIANGSU-KTA2015 Datasheet
733Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
MMST4403 JIANGSU-MMST4403 Datasheet
844Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2PD601AW JIANGSU-2PD601AW Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SA1586 JIANGSU-2SA1586 Datasheet
852Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SA1579 JIANGSU-2SA1579 Datasheet
846Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
MMSTA92 JIANGSU-MMSTA92 Datasheet
923Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SA1577 JIANGSU-2SA1577 Datasheet
794Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com