Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N135 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza 6N135
Descripción Electrónicos  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N135 Datasheet(HTML) 1 Page - Vishay Siliconix

  6N135 Datasheet HTML 1Page - Vishay Siliconix 6N135 Datasheet HTML 2Page - Vishay Siliconix 6N135 Datasheet HTML 3Page - Vishay Siliconix 6N135 Datasheet HTML 4Page - Vishay Siliconix 6N135 Datasheet HTML 5Page - Vishay Siliconix 6N135 Datasheet HTML 6Page - Vishay Siliconix 6N135 Datasheet HTML 7Page - Vishay Siliconix 6N135 Datasheet HTML 8Page - Vishay Siliconix 6N135 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
6N135, 6N136
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 02-Nov-15
1
Document Number: 83604
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Speed Optocoupler, 1 MBd,
Photodiode with Transistor Output
DESCRIPTION
The 6N135 and 6N136 are optocouplers with a GaAIAs
infrared emitting diode, optically coupled with an integrated
photo detector which consists of a photo diode and a
high-speed transistor in a DIP-8 plastic package.
Signals can be transmitted between two electrically
separated circuits up to frequencies of 2 MHz. The potential
difference between the circuits to be coupled should not
exceed the maximum permissible reference voltages.
FEATURES
• Isolation test voltages: 5300 VRMS
• TTL compatible
• High bit rates: 1 Mbit/s
• High common-mode interference immunity
•Bandwidth 2 MHz
• Open-collector output
• External base wiring possible
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577 file no. E52744, double protection
• DIN EN 60747-5-5 (VDE0884-5) available with option 1
• cUL components acceptance service no. 5A
• CQC GB8898-2011, GB4943.1-2011
Note
(1) Also available in tubes; do not add T to end
NC
A
C
NC
C (V
CC)
B (V
B)
C (V
O)
E (GND)
1
2
3
4
8
7
6
5
ORDERING INFORMATION
6
N
13#
-
X
0##
T
PART NUMBER
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED / PACKAGE
CTR (%)
UL, CSA
≥ 7
≥ 19
DIP-8
6N135
6N136
DIP-8, 400 mil, option 6
-
6N136-X006
SMD-8, option 7
6N135-X007T (1)
6N136-X007T (1)
SMD-8, option 9
-
6N136-X009T (1)
VDE, UL, CSA
≥ 7
≥ 19
DIP-8
-
6N136-X001
SMD-8, option 7
6N135-X017T (1)
6N136-X017T
SMD-8, option 9
-
6N136-X019T
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-8
Option 7
Option 6
Option 9


Número de pieza similar - 6N135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Texas Instruments
6N135 TI-6N135 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
598Kb / 12P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
6N135 ETC1-6N135 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results

Descripción similar - 6N135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com