Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF11702 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza BUF11702
Descripción Electrónicos  MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF11702 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button BUF11702 Datasheet HTML 5Page - Burr-Brown (TI) BUF11702 Datasheet HTML 6Page - Burr-Brown (TI) BUF11702 Datasheet HTML 7Page - Burr-Brown (TI) BUF11702 Datasheet HTML 8Page - Burr-Brown (TI) BUF11702 Datasheet HTML 9Page - Burr-Brown (TI) BUF11702 Datasheet HTML 10Page - Burr-Brown (TI) BUF11702 Datasheet HTML 11Page - Burr-Brown (TI) BUF11702 Datasheet HTML 12Page - Burr-Brown (TI) BUF11702 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
BUF11702
BUF07702
SLOS359F − MARCH 2001 − REVISED MAY 2004
www.ti.com
9
TYPICAL CHARACTERISTICS
DC CURVES (CONTINUED)
Figure 13
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
TA = +25°C
TA = +85°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
TA = 0°C
25
75
125
BUF11702
VDD = 10 V
Channels 1 to 5
BUF07702
VDD = 10 V
Channels 1 to 3
Figure 14
0
1
2
3
4
5
0
50
100
150
TA = +25°C
TA = +85°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
TA = 0°C
25
75
125
0.5
1.5
2.5
3.5
4.5
BUF11702
VDD = 10 V
Channels 6 to 9
BUF07702
VDD = 10 V
Channels
4 to 5
Figure 15
0
50
100
150
200
250
TA = +25°C
TA = +85°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
TA = 0°C
0
1
2
3
4
5
0.5
1.5
2.5
3.5
4.5
BUF11702
VDD = 10 V
Channel 10
BUF07702
VDD = 10 V
Channel 6
Figure 16
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
010
30
50
TA = +25°C
TA = +85°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
TA = 0°C
520
40
15
25
35
45
BUF11702
VDD = 10 V
Channel 10
BUF07702
VDD = 10 V
Channel 6
Figure 17
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
TA = +25°C
TA = +85°C
VDD = 10 V
VCOM Buffer
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
TA = 0°C
Figure 18
0
0.5
1
1.5
2
2.5
3
3.5
4
0 12345 6789 10 11 12 13 14 15
TA = +25°C
TA = +70°C
TA = +85°C
TA = 0°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
Figure 19
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1020304050607080
15 V
10 V
5 V
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C


Número de pieza similar - BUF11702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF11702 TI1-BUF11702 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF11702 TI1-BUF11702 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
BUF11702PWP TI1-BUF11702PWP Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
BUF11702PWPG4 TI1-BUF11702PWPG4 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
BUF11702PWPR TI1-BUF11702PWPR Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
More results

Descripción similar - BUF11702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Sony Corporation
CXA2111R SONY-CXA2111R Datasheet
357Kb / 18P
   LCD Signal Processor (Gamma Correction)
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
Analog Devices
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
   aperture/gamma correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com