Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4N60I Datasheet(PDF) 1 Page - Analog Power

No. de pieza AM4N60I
Descripción Electrónicos  N-Channel 600-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4N60I Datasheet(HTML) 1 Page - Analog Power

  AM4N60I Datasheet HTML 1Page - Analog Power AM4N60I Datasheet HTML 2Page - Analog Power AM4N60I Datasheet HTML 3Page - Analog Power AM4N60I Datasheet HTML 4Page - Analog Power AM4N60I Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4N60I
N-Channel 600-V (D-S) MOSFET
VDS (V)
ID (A)
600
4
Symbol
Limit
Units
VDS
600
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
4
IDM
16
IS
4
ISM
16
Power Dissipation
a
TC=25°C
PD
50
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
40
RθJC
3
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Gate-Source Voltage
PRODUCT SUMMARY
rDS(on) (Ω)
2 @ VGS = 10V
A
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Pulsed Diode Forward Current
b
A
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Power Supplies
• Motor Drives
• Consumer Electronics
TO-251
© Preliminary
1
Publication Order Number:
DS_AM4N60I_1A


Número de pieza similar - AM4N60I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM4N60B ANALOGPOWER-AM4N60B Datasheet
328Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60D ANALOGPOWER-AM4N60D Datasheet
232Kb / 5P
   N-Channel 600-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4N60D DOINGTER-AM4N60D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4N60P ANALOGPOWER-AM4N60P Datasheet
305Kb / 5P
   N-Channel 600-V (D-S) MOSFET
More results

Descripción similar - AM4N60I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM4N60P ANALOGPOWER-AM4N60P Datasheet
305Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60B ANALOGPOWER-AM4N60B Datasheet
328Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM2N60B ANALOGPOWER-AM2N60B Datasheet
327Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM8N60P ANALOGPOWER-AM8N60P Datasheet
330Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60D ANALOGPOWER-AM4N60D Datasheet
232Kb / 5P
   N-Channel 600-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4N40L-TA3-T VBSEMI-4N40L-TA3-T Datasheet
1Mb / 9P
   N-Channel 600 V (D-S) Power MOSFET
2SK3916-01 VBSEMI-2SK3916-01 Datasheet
1Mb / 9P
   N-Channel 600-V (D-S) Power MOSFET
VBM16R08 VBSEMI-VBM16R08 Datasheet
755Kb / 9P
   N-Channel 600 V (D-S) Power MOSFET
KF7N60P VBSEMI-KF7N60P Datasheet
1Mb / 9P
   N-Channel 600 V (D-S)Power MOSFET
VBE17R06 VBSEMI-VBE17R06 Datasheet
678Kb / 8P
   N-Channel 600-V (D-S) Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com