Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM6N25-1100D Datasheet(PDF) 1 Page - Analog Power

No. de pieza AM6N25-1100D
Descripción Electrónicos  N-Channel 250-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM6N25-1100D Datasheet(HTML) 1 Page - Analog Power

  AM6N25-1100D Datasheet HTML 1Page - Analog Power AM6N25-1100D Datasheet HTML 2Page - Analog Power AM6N25-1100D Datasheet HTML 3Page - Analog Power AM6N25-1100D Datasheet HTML 4Page - Analog Power AM6N25-1100D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM6N25-1100D
N-Channel 250-V (D-S) MOSFET
VDS (V)
ID (A)
250
5.6
Symbol
Limit
Units
VDS
250
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
5.6
IDM
20
IS
6
A
Power Dissipation
a
TC=25°C
PD
50
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
40
RθJC
3
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Gate-Source Voltage
PRODUCT SUMMARY
rDS(on) (mΩ)
1100 @ VGS = 10V
A
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM6N25-1100D_1A


Número de pieza similar - AM6N25-1100D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
AM6N7002 AITSEMI-AM6N7002 Datasheet
460Kb / 8P
   MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
AM6N7002KC6R AITSEMI-AM6N7002KC6R Datasheet
460Kb / 8P
   MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
AM6N7002KC6VR AITSEMI-AM6N7002KC6VR Datasheet
460Kb / 8P
   MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Descripción similar - AM6N25-1100D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7190DP VISHAY-SI7190DP Datasheet
314Kb / 13P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
logo
Analog Power
AMR400N ANALOGPOWER-AMR400N Datasheet
351Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI4434DY VISHAY-SI4434DY Datasheet
70Kb / 5P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 15-Dec-03
logo
Analog Power
AM14N25-280D ANALOGPOWER-AM14N25-280D Datasheet
347Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM30N25-270P ANALOGPOWER-AM30N25-270P Datasheet
337Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SIR692DP VISHAY-SIR692DP Datasheet
210Kb / 7P
   N-Channel 250 V (D-S) MOSFET
Rev. A, 19-Dec-16
logo
Analog Power
AM8N25-550D ANALOGPOWER-AM8N25-550D Datasheet
346Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SISS92DN VISHAY-SISS92DN Datasheet
227Kb / 8P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7190ADP VISHAY-SI7190ADP Datasheet
229Kb / 9P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com