Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM1537CE Datasheet(PDF) 4 Page - Analog Power

No. de pieza AM1537CE
Descripción Electrónicos  N & P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1537CE Datasheet(HTML) 4 Page - Analog Power

  AM1537CE Datasheet HTML 1Page - Analog Power AM1537CE Datasheet HTML 2Page - Analog Power AM1537CE Datasheet HTML 3Page - Analog Power AM1537CE Datasheet HTML 4Page - Analog Power AM1537CE Datasheet HTML 5Page - Analog Power AM1537CE Datasheet HTML 6Page - Analog Power AM1537CE Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Analog Power
AM1537CE
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
Typical Electrical Characteristics - N-channel
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
5
10
15
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
RθJA(t) = r(t) + RθJA
0.2
0.1
0.05
0.02
P(pk)
t1
t2
D = 0.5
Single Pulse
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
0
2
4
6
8
10
0
0.5
1
1.5
2
Qg - Total Gate Charge (nC)
RθJA = 460 °C /W
ID = 1.2A
VDS = 15V
© Preliminary
4
Publication Order Number:
DS_AM1537CE_1A


Número de pieza similar - AM1537CE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AM1537F PANASONIC-AM1537F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
More results

Descripción similar - AM1537CE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AMCC530C ANALOGPOWER-AMCC530C Datasheet
475Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com