Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PH2369 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza PH2369
Descripción Electrónicos  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PH2369 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PH2369 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PH2369 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PH2369 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
PH2369
TRANSISTOR (NPN)
FEATURES
Power
Dissipation
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA, IB=0
15
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
4.5
V
Collector cut-off current
ICBO
VCB= 20V, IE=0
0.4
μA
Emitter cut-off current
IEBO
VEB= 4V, IC=0
0.1
μA
hFE1
VCE= 1V, IC= 10mA
40
120
DC current gain
hFE2
VCE= 2V, IC= 100mA
20
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA, IB=1mA
0.7
0.85
V
Transition frequency
fT
VCE= 10V, IC=10mA
f =100MHz
500
MHz
Collector capacitance
Cc
VCB=5V,IE=0,f=1MHz
4
pF
Emitter capacitance
Ce
VEB=1V,IE=0,f=1MHz
4.5
pF
Turn-on time
ton
10
nS
Turn-off time
toff
VCC=3V, IC=10mA ,
IB1= 3mA
20
nS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
4.5
V
IC
Collector Current –Continuous
0.2
A
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
TO-92
1. COLLECTOR
2. BASE
3. EMITTER
www.cj-elec.com
1
C,Dec,2015


Número de pieza similar - PH2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PH2369 PHILIPS-PH2369 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 27
PH2369 NXP-PH2369 Datasheet
122Kb / 7P
   NPN switching transistor
2004 Oct 11
logo
Foshan Blue Rocket Elec...
PH2369 FOSHAN-PH2369 Datasheet
840Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
logo
Nanjing International G...
PH2369 DGNJDZ-PH2369 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
PH2369-TA DGNJDZ-PH2369-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Descripción similar - PH2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com