Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS81302DT19GE-300 Datasheet(PDF) 4 Page - GSI Technology

No. de pieza GS81302DT19GE-300
Descripción Electrónicos  Dual Double Data Rate interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302DT19GE-300 Datasheet(HTML) 4 Page - GSI Technology

  GS81302DT19GE-300 Datasheet HTML 1Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 2Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 3Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 4Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 5Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 6Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 7Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 8Page - GSI Technology GS81302DT19GE-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
8M x 18 SigmaQuad-II+ SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
BW1
K
NC
(288Mb)
R
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
NC
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
QVLD
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to D0:D8. BW1 controls writes to D9:D17.
2. A7 is the expansion address.
GS81302DT07/10/19/37E-450/400/350/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00b 8/2017
4/30
© 2011, GSI Technology


Número de pieza similar - GS81302DT19GE-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81302DT19GE-333 GSI-GS81302DT19GE-333 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
GS81302DT19GE-350I GSI-GS81302DT19GE-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
More results

Descripción similar - GS81302DT19GE-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
GS8662D06BD-350 GSI-GS8662D06BD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D06GE-450I GSI-GS81302D06GE-450I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com