Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ABU2513 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

No. de pieza ABU2513
Descripción Electrónicos  5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASB [Advanced Semiconductor Business Inc.]
Página de inicio  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU2513 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ABU2513 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
ASB Inc.
 sales@asb.co.kr
September 2017
ABU2513
3.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
5
50
300
MHz
Noise Figure
3.9
2.7
2.7
dB
Gain
14.7
14.9
14.8
dB
S11
-20
-19
-20
dB
S22
-18
-20
-19
dB
Output IP3
401)
432)
432)
dBm
Output IP23)
61
69
68
dBm
Output P1dB
24
25
25
dBm
CSO
664)
dBc
CTB
604)
dBc
Current
280
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
3) OIP2 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
4) CSO & CTB measured at Pout = 101 dB
V flat for NTSC 77 channels.
*Note : Pout is 104 dB
V @ flat ch. and 107 dBV @ 9 dB tilt for CENELEC 42 ch. at CSO, CTB > 60 dBc.
3.3
Plot of S-parameter & Stability Factor
0
50
100
150
200
250
300
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K


Número de pieza similar - ABU2513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor ...
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
More results

Descripción similar - ABU2513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor ...
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2516 ASB-ABB2516 Datasheet
574Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL912 ASB-ASL912 Datasheet
885Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com