Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA5953B Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMA5953B
Descripción Electrónicos  1.5 Watts Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA5953B Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMA5953B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA5953B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA5953B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
SMA59xxB Series
Voltage 6.2 V ~ 200 V
1.5 Watts Surface Mount Zener Diode
24-Apr-2013 Rev. E
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Número de pieza similar - SMA5953B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anova Technologies CO.,...
SMA5953B ANOVA-SMA5953B Datasheet
268Kb / 3P
   Surface Mount Zener Diodes
More results

Descripción similar - SMA5953B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMA5921 SECOS-SMA5921 Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_11 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB5920B SECOS-SMB5920B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com