Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM7670N Datasheet(PDF) 4 Page - Analog Power

No. de pieza AM7670N
Descripción Electrónicos  Dual N-Channel 70-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7670N Datasheet(HTML) 4 Page - Analog Power

  AM7670N Datasheet HTML 1Page - Analog Power AM7670N Datasheet HTML 2Page - Analog Power AM7670N Datasheet HTML 3Page - Analog Power AM7670N Datasheet HTML 4Page - Analog Power AM7670N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM7670N
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
8. Normalized On-Resistance Vs
Junction Temperature
Typical Electrical Characteristics
11. Normalized Thermal Transient Junction to Ambient
0
2
4
6
8
10
0
5
10
15
20
25
Qg - Total Gate Charge (nC)
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
10
20
30
40
50
60
70
80
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
RθJA(t) = r(t) + RθJA
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
P(pk)
t1
t2
RθJA = 120 °C /W
VDS = 30V
ID = 3A
© Preliminary
4
Publication Order Number:
DS_AM7670N_1A


Número de pieza similar - AM7670N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM7630N ANALOGPOWER-AM7630N Datasheet
352Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM7632N ANALOGPOWER-AM7632N Datasheet
347Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
More results

Descripción similar - AM7670N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIS178LDN VISHAY-SIS178LDN Datasheet
236Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SISS76LDN VISHAY-SISS76LDN Datasheet
309Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SIS176LDN VISHAY-SIS176LDN Datasheet
265Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
logo
Analog Power
AM130N07-06M3P ANALOGPOWER-AM130N07-06M3P Datasheet
314Kb / 5P
   N-Channel 70-V (D-S) MOSFET
logo
Vishay Siliconix
SISS78LDN VISHAY-SISS78LDN Datasheet
260Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SIZ254DT VISHAY-SIZ254DT Datasheet
341Kb / 14P
   Dual N-Channel 70 V (D-S) MOSFETs
01-Jan-2022
SIZ256DT VISHAY-SIZ256DT Datasheet
359Kb / 14P
   Dual N-Channel 70 V (D-S) MOSFETs
01-Jan-2022
logo
VBsemi Electronics Co.,...
VB2703K VBSEMI-VB2703K Datasheet
756Kb / 7P
   P-Channel 70 V (D-S) MOSFET
VB2703K VBSEMI-VB2703K_V01 Datasheet
752Kb / 7P
   P-Channel 70 V (D-S) MOSFET
logo
Vishay Siliconix
SI4992EY VISHAY-SI4992EY Datasheet
64Kb / 5P
   Dual N-Channel 75-V (D-S) MOSFET
Rev. A, 06-Sep-04
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com