Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF06703 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza BUF06703
Descripción Electrónicos  MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF06703 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  BUF06703 Datasheet HTML 1Page - Burr-Brown (TI) BUF06703 Datasheet HTML 2Page - Burr-Brown (TI) BUF06703 Datasheet HTML 3Page - Burr-Brown (TI) BUF06703 Datasheet HTML 4Page - Burr-Brown (TI) BUF06703 Datasheet HTML 5Page - Burr-Brown (TI) BUF06703 Datasheet HTML 6Page - Burr-Brown (TI) BUF06703 Datasheet HTML 7Page - Burr-Brown (TI) BUF06703 Datasheet HTML 8Page - Burr-Brown (TI) BUF06703 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
BUF07703
BUF06703
BUF05703
SBOS269A – MARCH 2003 – REVISED JUNE 2003
www.ti.com
3
EQUIVALENT SCHEMATICS OF INPUTS AND OUTPUTS
Next
Stage
Buffer
Output
VS
Buffer
Input
GND
Buffer
Output
Buffer
Input
VS
Next Stage
GND
INPUT STAGE OF BUFFERS
INPUT STAGE OF BUFFERS
BUF07703: 4 to 6
BUF06703: 4 to 6
BUF05703: 3 to 4
Previous
Stage
VS
Buffer
Output
Previous
Stage
Inverting
Input
GND
OUTPUT STAGE OF ALL BUFFERS
BUF07703: 1 to 3 and VCOM
BUF06703: 1 to 3
BUF05703: 1 to 2 and VCOM
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VDD = 4.5V to 16V, TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
1.5
12
VIO
Input offset voltage
VI = VDD/2, RS = 50 Ω
Full
Range(1)
15
mV
25
°C
1
IIB
Input bias current
VI = VDD/2
Full
Range(1)
200
pA
25
°C
62
80
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)VDD = 4.5V to 16V
Full
Range(1)
60
dB
Buffer gain
VI = 5V
25
°C
0.9995
V/V
BW_3dB
3dB Bandwidth
Gamma Buffers
VCOM Buffer
CL = 100pF, RL = 2kΩ
25
°C
0.8
0.7
MHz
SR
Slew Rate
Gamma Buffers
VCOM Buffer
CL = 100pF, RL = 2kΩ
VIN = 2V to 8V
25
°C
1
0.7
V/
µs
Transient Load Regulation
IO = 0 to ±5mA VO = 5V
CL = 100pF tT = 0.1µs
25
°C
900
mV
Transient Load Response
See Figure 2
25
°C
160
mV
tS (I–sink)
Settling Time–Current
IO = 0 to –5mA VO = 5V
CL = 100pF RL = 2kΩ
Full
Range(1)
1
µs
tS (I–src)
Settling Time–Current
IO = 0 to +5mA VO = 5V
CL = 100pF RL = 2kΩ
Full
Range(1)
2
µs
tS
Settling Time–
Gamma Buffers
VI = 4.5V to 5.5V 0.1%
VI = 5.5V to 4.5V 0.1%
25
°C
6
4.6
µs
tS
Settling Time–
Voltage
VCOM Buffer
VI = 4.5V to 5.5V 0.1%
VI = 5.5V to 4.5V 0.1%
25
°C
5.8
5.6
µs
Vn
Noise Voltage
Gamma Buffers
VCOM Buffer
VI = 5V f = 1kHz
25
°C
45
40
nv/
√Hz
Crosstalk
VIP–P = 6V, f = 1kHz
25
°C
85
dB
(1) Full Range is 0
°C to +85°C.


Número de pieza similar - BUF06703

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF06703 TI1-BUF06703 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF06703PWG4 TI1-BUF06703PWG4 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF06703PWR TI1-BUF06703PWR Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
More results

Descripción similar - BUF06703

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
   aperture/gamma correction
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com