Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-900J Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-900J
Descripción Electrónicos  High Speed Digital Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-900J Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-900J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-900J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-900J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-900J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-900J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-900J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-900J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-900J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-900J Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Propagation Delay, Pulse Width
Distortion and Propagation Delay Skew
Propagation Delay is a figure of
merit, which describes how
quickly a logic signal propagates
through a system as illustrated in
Figure 3.
The propagation delay from low to
high, t
PLH, is the amount of time
required for an input signal to
propagate to the output, causing
the output to change from low to
high. Similarly, the propagation
delay from high to low, t
PHL, is the
amount of time required for the
input signal to propagate to the
output, causing the output to
change from high to low.
Figure 3. Timing Diagrams to Illustrate Propagation Delay, t
PLH and tPHL.
Figure 4. Timing Diagrams to Illustrate
Propagation Delay Skew.
VIN
VOUT
VOUT
VIN
tPSK
50%
50%
2.5 V
CMOS
2.5 V
CMOS
Pulse Width Distortion, PWD, is
the difference between t
PHL and
t
PLH and often determines the
maximum data rate capability of
a transmission system. PWD can
be expressed in percent by
dividing the PWD (in ns) by the
minimum pulse width (in ns)
being transmitted. Typically, PWD
on the order of 20 – 30% of the
minimum pulse width is tolerable.
Propagation Delay Skew, t
PSK,
and Channel-to-Channel Skew,
t
CSK, are critical parameters to
consider in parallel data trans-
mission applications where
synchronization of signals on
parallel data lines is a concern.
If the parallel data is being sent
through channels of the digital
isolators, differences in propaga-
tion delays will cause the data to
arrive at the outputs of the
digital isolators at different
times. If this difference in
propagation delay is large
enough, it will limit the maxi-
mum transmission rate at which
parallel data can be sent through
the digital isolators.
t
PSK is defined as the difference
between the minimum and
maximum propagation delays,
either t
PLH or tPHL, among two or
more devices which are operating
under the same conditions (i.e.,
the same drive current, supply
voltage, output load, and operat-
ing temperature). t
CSK is defined
as the difference between the
minimum and maximum propaga-
tion delays, either t
PLH or tPHL,
among two or more channels
within a single device (applicable
to dual and quad channel de-
vices) which are operating under
the same conditions.
As illustrated in Figure 4, if the
inputs of two or more devices are
switched either ON or OFF at the
same time, t
PSK is the difference
between the minimum propaga-
tion delay, either t
PLH or tPHL, and
the maximum propagation delay,
either t
PLH or tPHL.
As mentioned earlier, t
PSK, can
determine the maximum parallel
data transmission rate. Figure 5
shows the timing diagram of a
typical parallel data transmission
application with both the clock
and data lines being sent through
the digital isolators. The figure
shows data and clock signals at
the inputs and outputs of the
digital isolators. In this case, the
data is clocked off the rising edge
of the clock.
Figure 5. Parallel Data Transmission.
DATA
DATA
INPUTS
CLOCK
OUTPUTS
CLOCK
tPSK
tPSK
INPUT
OUTPUT
5 V CMOS
2.5 V CMOS
0 V
VOH
VOL
VOUT
VIN
tPLH
tPHL
50%
10%
90%
90%
10%


Número de pieza similar - HCPL-900J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-900J AVAGO-HCPL-900J Datasheet
357Kb / 14P
   High Speed Digital Isolators 15 ns max. propagation delay
HCPL-900J-000E AVAGO-HCPL-900J-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-900J-500 AVAGO-HCPL-900J-500 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-900J-500E AVAGO-HCPL-900J-500E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

Descripción similar - HCPL-900J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com