Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8S11A Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de pieza SM8S11A
Descripción Electrónicos  10 to 40Volts 6600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SM8S11A Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SM8S11A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SM8S11A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SM8S11A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd SM8S11A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(uni)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SM8S10
SM8S10A
SM8S11
SM8S11A
10
10
11
11
11.1
11.1
12.2
12.2
14.1
12.8
15.4
14.0
5.0
5.0
5.0
5.0
18.8
17.0
20.1
18.2
351
388
328
363
15.0
15.0
10.0
10.0
SM8S12
SM8S12A
SM8S13
SM8S13A
12
12
13
13
13.3
13.3
14.4
14.4
16.9
15.3
18.2
16.5
5.0
5.0
5.0
5.0
22.0
19.9
23.8
21.5
300
332
277
307
10.0
10.0
10.0
10.0
SM8S14
SM8S14A
SM8S15
SM8S15A
14
14
15
15
15.6
15.6
16.7
16.7
19.8
17.9
21.1
19.2
5.0
5.0
5.0
5.0
25.8
23.2
26.9
24.4
256
284
245
270
10.0
10.0
10.0
10.0
SM8S16
SM8S16A
SM8S17
SM8S17A
16
16
17
17
17.8
17.8
18.9
18.9
22.6
20.5
23.9
21.7
5.0
5.0
5.0
5.0
28.8
26.0
30.5
27.6
229
254
216
239
10.0
10.0
10.0
10.0
SM8S18
SM8S18A
SM8S20
SM8S20A
18
18
20
20
20.0
20.0
22.2
22.2
25.3
23.3
28.1
25.5
5.0
5.0
5.0
5.0
32.2
29.2
35.8
32.4
205
226
184
204
10.0
10.0
10.0
10.0
SM8S22
SM8S22A
SM8S24
SM8S24A
22
22
24
24
24.4
24.4
26.7
26.7
30.9
28.0
33.8
30.7
5.0
5.0
5.0
5.0
39.4
35.5
43.0
38.9
168
186
153
170
10.0
10.0
10.0
10.0
SM8S26
SM8S26A
SM8S28
SM8S28A
26
26
28
28
28.9
28.9
31.1
31.1
36.6
33.2
39.4
35.8
5.0
5.0
5.0
5.0
46.6
42.1
50.0
45.4
142
157
132
145
10.0
10.0
10.0
10.0
SM8S30
SM8S30A
SM8S33
SM8S33A
30
30
33
33
33.3
33.3
36.7
36.7
42.2
38.3
46.5
42.2
5.0
5.0
5.0
5.0
53.5
48.4
59.0
53.3
123
136
112
124
10.0
10.0
10.0
10.0
SM8S36
SM8S36A
SM8S40
SM8S40A
36
36
40
40
40.0
40.0
44.4
44.4
50.7
46.0
56.3
51.1
5.0
5.0
5.0
5.0
64.3
58.1
71.4
64.5
103
10.0
114
10.0
92.4
10.0
102
10.0
SM8 S10 - SM8 S40A
SM8 S10 - SM8 S40A
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
HF


Número de pieza similar - SM8S11A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SM8S11A VISHAY-SM8S11A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S11A SUNMATE-SM8S11A Datasheet
201Kb / 3P
   SURFACE MOUNT Automotive transient voltage suppressors
logo
UN Semiconducctor INC
SM8S11A UNSEMI-SM8S11A Datasheet
3Mb / 6P
   Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Vishay Siliconix
SM8S11A VISHAY-SM8S11A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
SUNMATE electronic Co.,...
SM8S11A SUNMATE-SM8S11A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
More results

Descripción similar - SM8S11A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
First Components Intern...
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
5.0SMDJ ZSELEC-5.0SMDJ Datasheet
65Kb / 3P
   12 to 33Volts 5000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com