Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS82582Q20GE-375I Datasheet(PDF) 9 Page - GSI Technology

No. de pieza GS82582Q20GE-375I
Descripción Electrónicos  288Mb SigmaQuad-II Burst of 2 SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582Q20GE-375I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS82582Q20GE-375I Datasheet HTML 5Page - GSI Technology GS82582Q20GE-375I Datasheet HTML 6Page - GSI Technology GS82582Q20GE-375I Datasheet HTML 7Page - GSI Technology GS82582Q20GE-375I Datasheet HTML 8Page - GSI Technology GS82582Q20GE-375I Datasheet HTML 9Page - GSI Technology GS82582Q20GE-375I Datasheet HTML 10Page - GSI Technology GS82582Q20GE-375I Datasheet HTML 11Page - GSI Technology GS82582Q20GE-375I Datasheet HTML 12Page - GSI Technology GS82582Q20GE-375I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 2.9
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VREF
Voltage in VREF Pins
–0.5 to VDDQ
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
VIN
Input Voltage (Address, Control, Data, Clock)
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
VTIN
Input Voltage (TCK, TMS, TDI)
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
IIN
Input Current on Any Pin
+/–100
mA dc
IOUT
Output Current on Any I/O Pin
+/–100
mA dc
TJ
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
–55 to 125
oC
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
GS82582Q20/38GE-500/450/400/375
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
9/25
© 2012, GSI Technology
Recommended Operating Conditions
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.7
1.8
1.9
V
I/O Supply Voltage
VDDQ
1.4
VDD
V
Reference Voltage
VREF
VDDQ/2 – 0.05
VDDQ/2 + 0.05
V
Note:
The power supplies need to be powered up simultaneously or in the following sequence: VDD, VDDQ, VREF, followed by signal inputs. The power
down sequence must be the reverse. VDDQ must not exceed VDD. For more information, read AN1021 SigmaQuad and SigmaDDR Power-Up.
Operating Temperature
Parameter
Symbol
Min.
Typ.
Max.
Unit
Junction Temperature
(Commercial Range Versions)
TJ
0
25
85
C
Junction Temperature
(Industrial Range Versions)*
TJ
–40
25
100
C
Note:
* The part numbers of Industrial Temperature Range versions end with the character “I”. Unless otherwise noted, all performance specifications
quoted are evaluated for worst case in the temperature range marked on the device.


Número de pieza similar - GS82582Q20GE-375I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS82582Q20GE-375I GSI-GS82582Q20GE-375I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS82582Q20GE-375I GSI-GS82582Q20GE-375I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
More results

Descripción similar - GS82582Q20GE-375I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS82582Q20GE-500I GSI-GS82582Q20GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT19GE-400I GSI-GS82582QT19GE-400I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-400I GSI-GS82582Q19GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-400 GSI-GS82582Q37GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT20GE-450I GSI-GS82582QT20GE-450I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-333 GSI-GS82582Q19GE-333 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q20GE-400 GSI-GS82582Q20GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-300I GSI-GS82582Q19GE-300I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com